công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MV06L17T-270 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện MV06L17T-270
Giải thích chi tiết về linh kiện  Multilayer Chip Varistor for Surge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

MV06L17T-270 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  MV06L17T-270 Datasheet HTML 1Page - List of Unclassifed Manufacturers MV06L17T-270 Datasheet HTML 2Page - List of Unclassifed Manufacturers MV06L17T-270 Datasheet HTML 3Page - List of Unclassifed Manufacturers MV06L17T-270 Datasheet HTML 4Page - List of Unclassifed Manufacturers MV06L17T-270 Datasheet HTML 5Page - List of Unclassifed Manufacturers MV06L17T-270 Datasheet HTML 6Page - List of Unclassifed Manufacturers MV06L17T-270 Datasheet HTML 7Page - List of Unclassifed Manufacturers MV06L17T-270 Datasheet HTML 8Page - List of Unclassifed Manufacturers MV06L17T-270 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Multilayer Chip Varistor for Surge and
ESD Protection – L Type Series
Document No
TMVL-XXOS001D
Issued date
2014/04/18
Page
4/9
TA-I TECHNOLOGY CO., LTD
6. Reliability Test
Environmental
Specification
Test Method and Description
High Temperature
Storage/ Dry Heat
The specimen shall be subjected to 125 ± 2℃ for 1000 ± 12 hours in a
thermostatic bath without load and then stored at room temperature and
normal humidity for 1 to 2 hours. The change of varistor voltage shall be within
10 ﹪.
Temperature Cycle
The temperature cycle of specified
temperature shall be repeated five
times and then stored at room
temperature and normal humidity for
one or two hours. The change of
varistor voltage shall be within 10﹪
and mechanical damage shall be
examined.
Step
Temperature
Period
1
-40±3
30Min±3
2
Room
Temperature
1 hour
3
125±3
30Min±3
4
Room
Temperature
1 hours
High Temperature Load
After being continuously applied the maximum allowable voltage at 85 ± 2℃
for 1000± 2 hours, the specimen shall be stored at room temperature and
normal humidity for one or two hours, the change of varistor voltage shall be
within 10﹪.
Damp Heat Load
The specimen should be subjected to 40 ± 2℃, 90 to 95 ﹪RH environment,
and the maximum allowable voltage applied for 1000 hours, then stored at
room temperature and normal humidity for one or two hours. The change of
varistor voltage shall be within 10﹪
Humidity Load
Low Temperature
Storage/ Cold
The specimen should be subjected to -40 ± 2℃, without load for 500 hours
and then stored at room temperature for one or two hours. The change of
varistor voltage shall be within 10 ﹪


Số phần tương tự - MV06L17T-270

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MV06E050T050- ETC-MV06E050T050- Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV06E050T100- ETC-MV06E050T100- Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV06E050T101- ETC-MV06E050T101- Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV06E050T220- ETC-MV06E050T220- Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV06E050T330- ETC-MV06E050T330- Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
More results

Mô tả tương tự - MV06L17T-270

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
   MULTILAYER CHIP VARISTOR
logo
RFE international
JMV0805S090T781 RFE-JMV0805S090T781 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-300-T ABRACON-AMCV-1210H-300-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com