công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MV04E050T101 bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers

tên linh kiện MV04E050T101
Giải thích chi tiết về linh kiện  Multilayer Chip Varistor for Surge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

MV04E050T101 bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers

  MV04E050T101 Datasheet HTML 1Page - List of Unclassifed Manufacturers MV04E050T101 Datasheet HTML 2Page - List of Unclassifed Manufacturers MV04E050T101 Datasheet HTML 3Page - List of Unclassifed Manufacturers MV04E050T101 Datasheet HTML 4Page - List of Unclassifed Manufacturers MV04E050T101 Datasheet HTML 5Page - List of Unclassifed Manufacturers MV04E050T101 Datasheet HTML 6Page - List of Unclassifed Manufacturers MV04E050T101 Datasheet HTML 7Page - List of Unclassifed Manufacturers MV04E050T101 Datasheet HTML 8Page - List of Unclassifed Manufacturers MV04E050T101 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Multilayer Chip Varistor for Surge and
ESD Protection
– E Type Series
Document No
TMVE-XXOS001C
Issued date
2012/02/13
Page
8/9
TA-I TECHNOLOGY CO., LTD
8.7.2 Recommended Soldering Condition 2(Without preheating)
(1) Solder iron tip shall not directly touch to ceramic dielectrics.
(2) Solder iron tip shall be fully preheated before soldering while soldering iron tip to
the external electrode of Varistors.
8.8 Post Soldering Cleaning
8.8.1 Residues of corrosive soldering fluxes on the PC board after cleaning may
greatly have influences on the electrical characteristic and the reliability (such as
humidity resistance) of the Varistors which have been mounted on the board. It
shall be confirmed that the characteristic and the reliability of the devices are not
affected by the applied cleaning conditions
8.8.2 When an ultrasonic cleaning is applied to the mounted Varistors on PC Boards.
Following conditions are recommended for preventing failures or damages of the
devices due to the large vibration energy and the resonance caused by the
ultrasonic waves.
(1) Frequency 29MHz max
(2) Radiated Power 20w/lithr max
(3) Period 5minuets max
9. Storage condition of products
9.1 Storage Conditions:
(1) Storage Temperature: -10℃~+40℃
(2) Relative humidity: ≦75%RH
(3) Varistor must be kept away from sunlight and stored in a non-corrosive
atmosphere.
9.2 Period of Storage: 1 year
10. ECN
Engineering Change Notice: The customer will be informed with ECN if there is
significant modification on the characteristics and materials described in Approval
Sheet.


Số phần tương tự - MV04E050T101

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L06T-120 ETC-MV04L06T-120 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L11T-180 ETC-MV04L11T-180 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L14T-240 ETC-MV04L14T-240 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
More results

Mô tả tương tự - MV04E050T101

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
   MULTILAYER CHIP VARISTOR
logo
RFE international
JMV0805S090T781 RFE-JMV0805S090T781 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-300-T ABRACON-AMCV-1210H-300-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com