công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMBJ13 bảng dữ liệu(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

tên linh kiện SMBJ13
Giải thích chi tiết về linh kiện  TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Trang chủ  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMBJ13 bảng dữ liệu(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMBJ13 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMBJ13 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMBJ13 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMBJ13 Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
For surface mounted applications in
order to optimize board space
Low profile space
Glass passivated chip
Low inductance
Excellent clamping capability
Very fast response time
Typical ID less than 1µA at VWM
600W peak pulse power capability
with a 10/1000 µs waveform
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Case: JEDEC DO-214AA molded plastic
over passivated chip
Terminals: Solder plated, solderable per
MIL-STD-750 Method 2026
Polarity: For uni-directional types the band
by laser denotes the cathode, which is
positive with respect to the anode under
normal TVS operation
Devices for Bidirectional Applications
For bi-directional devices, use suffix C or CA (e.g.SMBJ10C, SMBJ10CA).
Electrical characteristics apply in both directions.
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Symbol
VALUE
UNIT
Peak pulse power dissipation
with a 10/1000µs waveform (see fig. 1)
PPPM
600
W
Peak pulse current
with a waveform (see fig. 3 , single pulse)
IPPM
See Next Table
A
Peak forward surge current
8.3ms single half sine-wave uni-directional only
IFSM
100
A
Typical thermal resistance, junction to ambient
RθJA
100
°C / W
Typical thermal resistance, junction to lead
RθJL
20
°C / W
Operating junction and storage temperature range
TJ TSTG
–55 to +150
°C
SMBJ5.0 THRU SMBJ188A
http://www.trr-jx.com
TRANSIENT VOLTAGE SUPPRESSORS


Số phần tương tự - SMBJ13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Jinan Gude Electronic D...
SMBJ13 JGD-SMBJ13 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ13 MICROSEMI-SMBJ13 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMBJ13 SOCAY-SMBJ13 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
DAESAN ELECTRONIC CORP.
SMBJ13 DAESAN-SMBJ13 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
logo
Shanghai Shunye Electro...
SMBJ13 SHUNYE-SMBJ13 Datasheet
327Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Mô tả tương tự - SMBJ13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com