công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D050505NXT bảng dữ liệu(PDF) 2 Page - Microdc power Technology Co., Ltd

tên linh kiện D050505NXT
Giải thích chi tiết về linh kiện  2W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRODC [Microdc power Technology Co., Ltd]
Trang chủ  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

D050505NXT bảng dữ liệu(HTML) 2 Page - Microdc power Technology Co., Ltd

  D050505NXT Datasheet HTML 1Page - Microdc power Technology Co., Ltd D050505NXT Datasheet HTML 2Page - Microdc power Technology Co., Ltd D050505NXT Datasheet HTML 3Page - Microdc power Technology Co., Ltd D050505NXT Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
2D-
D-N
NXT
XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 4
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Isolation Voltage(Vin/Vout)
Tested for 1 minute and leakage current less
than 1 mA
1000
--
--
VDC
Isolation Voltage(Vo1/Vo2)
1000
--
--
Isolation Resistance(Vin/Vout)
Test at 500VDC
1000
--
--
MΩ
Isolation Resistance(Vo1/Vo2)
1000
--
--
Isolation Capacitance(Vin/Vout)
Input/Output,100KHz/1V
--
60
--
pF
Isolation Capacitance(Vo1/Vo2)
--
60
--
Switching Frequency
Full load, nominal input
--
100
--
KHz
MTBF
MIL-HDBK-217F@25℃
3500
--
--
K hours
Case Material
Epoxy Resin (UL94-V0)
Weight
--
2.1
--
g
ENVIRONMENTAL
ENVIRONMENTAL SPECIFICATIONS
SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Storage Humidity
--
--
95
%
Operating Temperature
Power derating (above 85℃)
-40
--
85
Storage Temperature
-55
--
125
Temp. rise at full load
--
25
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
Cooling
Free air convection
EMC
EMC SPECIFICATIONS
SPECIFICATIONS
EMI
CE
CISPR22/EN55022 CLASS A External Circuit Refer to Figure1
EMS
ESD
IEC/EN61000-4-2
Contact ±8KV
perf. Criteria B
EMC
EMC RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
EMI Recommended External Circuit
LASS A):
PRODUCT
PRODUCT TYPICAL
TYPICAL CURVE
CURVE


Số phần tương tự - D050505NXT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microdc power Technolog...
D050505NXT-1W MICRODC-D050505NXT-1W Datasheet
557Kb / 3P
   1W,FIXEDINPUT, ISOLATED & UNREGULATEDTWIN OUTPUT ULTRAMINIATURESMD PACKAGE DC-DC CONVERTER
More results

Mô tả tương tự - D050505NXT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GAPTEC Electronic GmbH ...
2T8A GAPTEC-2T8A Datasheet
1Mb / 4P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated ULTRAMINIATURE SMD PACKAGE
logo
Crystek Corporation
D050505T-1W CRYSTEKCRYSTAL-D050505T-1W_12 Datasheet
292Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2D16A GAPTEC-2D16A Datasheet
803Kb / 3P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & ULTRAMINIATURE SMD PACKAGE
logo
MORNSUN Science& Techno...
A0505XT-1W MORNSUN-A0505XT-1W Datasheet
445Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL OUTPUT DC-DC CONVERTER ULTRAMINIATURE SMD PACKAGE
logo
RSG Electronic Componen...
B0505LT-2W RSG-B0505LT-2W Datasheet
106Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 2W SINGLE OUTPUT ULTRAMINIATURE SMD PACKAGE
logo
GAPTEC Electronic GmbH ...
2T8A-3 GAPTEC-2T8A-3 Datasheet
898Kb / 4P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2T8E GAPTEC-2T8E Datasheet
877Kb / 3P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
D-XNS-2W MICRODC-D-XNS-2W Datasheet
597Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
2D-XNS MICRODC-2D-XNS Datasheet
485Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
2D-XS MICRODC-2D-XS Datasheet
495Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com