công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM98714BCMTX bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện LM98714BCMTX
Giải thích chi tiết về linh kiện  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714BCMTX bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM98714BCMTX Datasheet HTML 2Page - Texas Instruments LM98714BCMTX Datasheet HTML 3Page - Texas Instruments LM98714BCMTX Datasheet HTML 4Page - Texas Instruments LM98714BCMTX Datasheet HTML 5Page - Texas Instruments LM98714BCMTX Datasheet HTML 6Page - Texas Instruments LM98714BCMTX Datasheet HTML 7Page - Texas Instruments LM98714BCMTX Datasheet HTML 8Page - Texas Instruments LM98714BCMTX Datasheet HTML 9Page - Texas Instruments LM98714BCMTX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 115 page
background image
LM98714
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
www.ti.com
PIN DESCRIPTIONS(1) (continued)
Pin
Name
I/O
Typ
Res
Description
36
DOUT1/
O
D
Bit 1 of the digital video output bus in CMOS Mode, LVDS Data Out0+ in LVDS Mode.
TXOUT0+
37
DOUT0/
O
D
Bit 0 of the digital video output bus in CMOS Mode, LVDS Data Out0- in LVDS Mode.
TXOUT0-
38
DGND
P
Digital ground return.
39
VD
P
Power supply for the digital circuits. Bypass this supply pin with 0.1
μF capacitor. A single
4.7
μF capacitor should be used between the supply and the VD, VR and VC pins.
40
CLKOUT/
O
D
PD
Output clock for registering output data when using CMOS outputs, or configurable
CLK10
sensor control output.
41
CLK9
O
D
PD
Configurable sensor control output.
42
CLK8
O
D
PD
Configurable sensor control output.
43
CLK7
O
D
PD
Configurable sensor control output.
44
CLK6
O
D
PU
Configurable sensor control output.
45
CLK5
O
D
PD
Configurable sensor control output.
46
DGND
P
Digital ground return.
47
VC
P
Power supply for the sensor control outputs. Bypass this supply pin with 0.1
μF capacitor.
48
CLK4
O
D
PD
Configurable sensor control output.
6
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM98714


Số phần tương tự - LM98714BCMTX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM98714BCMTX TI-LM98714BCMTX Datasheet
733Kb / 17P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
LM98714BCMTX/NOPB TI1-LM98714BCMTX/NOPB Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
More results

Mô tả tương tự - LM98714BCMTX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714CCMTX TI-LM98714CCMTX Datasheet
733Kb / 17P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
logo
National Semiconductor ...
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
   Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
logo
Texas Instruments
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP Datasheet
573Kb / 54P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640 TI1-LM98640_14 Datasheet
804Kb / 46P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
logo
National Semiconductor ...
LM98722 NSC-LM98722 Datasheet
481Kb / 14P
   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
Texas Instruments
LM98722 TI1-LM98722_14 Datasheet
708Kb / 20P
[Old version datasheet]   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com