công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM98722 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LM98722
Giải thích chi tiết về linh kiện  3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM98722_14 Datasheet HTML 6Page - Texas Instruments LM98722_14 Datasheet HTML 7Page - Texas Instruments LM98722_14 Datasheet HTML 8Page - Texas Instruments LM98722_14 Datasheet HTML 9Page - Texas Instruments LM98722_14 Datasheet HTML 10Page - Texas Instruments LM98722_14 Datasheet HTML 11Page - Texas Instruments LM98722_14 Datasheet HTML 12Page - Texas Instruments LM98722_14 Datasheet HTML 13Page - Texas Instruments LM98722_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LM98722
SNAS487A – SEPTEMBER 2009 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
The following specifications apply for VA = VD = VC = 3.3V, CL = 10pF, and fINCLK = 15MHz unless otherwise specified.
Boldface limits apply for TA = TMIN to TMAX; all other limits TA = 25°C.
Parameter
Test Conditions
Min(1)
Typ(2)
Max(1)(3)
Units
VCLP Reference Circuit Specifications
VCLP Voltage 000
VCLP Voltage Setting = 000
0.85VA
V
VCLP Voltage 001
VCLP Voltage Setting = 001
0.9VA
V
VCLP Voltage 010
VCLP Voltage Setting = 010
0.95VA
V
VCLP Voltage 011
VCLP Voltage Setting = 011
0.6VA
V
VVCLP
VCLP Voltage 100
VCLP Voltage Setting = 100
0.55VA
V
VCLP Voltage 101
VCLP Voltage Setting = 101
0.4VA
V
VCLP Voltage 110
VCLP Voltage Setting = 110
0.35VA
V
VCLP Voltage 111
VCLP Voltage Setting = 111
0.15VA
V
ISC
VCLP DAC Short Circuit Output
0001 xxxxb VCLP Config.
30
mA
Current
Register =
Black Level Offset DAC Specifications
Resolution
10
Bits
Monotonicity
Ensured by characterization
Offset Adjustment Range
CDS Gain = 1x
Referred to AFE Input
Minimum DAC Code = 0x000
-614
mV
Maximum DAC Code = 0x3FF
614
CDS Gain = 2x
Minimum DAC Code = 0x000
-307
mV
Maximum DAC Code = 0x3FF
307
Offset Adjustment Range
Minimum DAC Code = 0x000
-17500
-16130
LSB
Referred to AFE Output
Maximum DAC Code = 0x3FF
+16130
+17500
DAC LSB Step Size
CDS Gain = 1x
1.2
mV
Referred to AFE Output
(32)
(LSB)
DNL
Differential Non-Linearity
-0.85
+0.74/
+2.4
LSB
-0.37
INL
Integral Non-Linearity
-2.5
+0.72/
+2.5
LSB
-0.56
PGA Specifications
Gain Resolution
8
Bits
Monotonicity
Ensured by characterization
Maximum Gain
CDS Gain = 1x
7.7
8.3
8.8
V/V
CDS Gain = 1x
17.7
18.4
18.9
dB
Minimum Gain
CDS Gain = 1x
0.58
0.64
0.70
V/V
CDS Gain = 1x
-4.7
-4.2
-3.5
dB
PGA Function
Gain (V/V) = (180/(277-PGA Code))
Gain (dB) = 20LOG10(180/(277-PGA Code))
Channel Matching
Minimum PGA Gain
3
%
Maximum PGA Gain
12.7
ADC Specifications
VREFT
Top of Reference
2.07
V
VREFB
Bottom of Reference
0.89
V
VREFT -
Differential Reference Voltage
1.06
1.18
1.30
V
VREFB
Overrange Output Code
65535
Underrange Output Code
0
10
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM98722


Số phần tương tự - LM98722_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
More results

Mô tả tương tự - LM98722_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM98722 NSC-LM98722 Datasheet
481Kb / 14P
   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
   3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
   Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
logo
Texas Instruments
LM98714CCMTX TI-LM98714CCMTX Datasheet
733Kb / 17P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
VSP5610 TI1-VSP5610 Datasheet
793Kb / 47P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
VSP5620 TI1-VSP5620 Datasheet
777Kb / 41P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
logo
Wolfson Microelectronic...
WM8232 WOLFSON-WM8232 Datasheet
270Kb / 15P
   70MSPS 3-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com