công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM98714 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM98714
Giải thích chi tiết về linh kiện  LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM98714 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 5Page - Texas Instruments LM98714 Datasheet HTML 6Page - Texas Instruments LM98714 Datasheet HTML 7Page - Texas Instruments LM98714 Datasheet HTML 8Page - Texas Instruments LM98714 Datasheet HTML 9Page - Texas Instruments LM98714 Datasheet HTML 10Page - Texas Instruments LM98714 Datasheet HTML 11Page - Texas Instruments LM98714 Datasheet HTML 12Page - Texas Instruments LM98714 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 115 page
background image
LM98714
www.ti.com
SNAS254A – OCTOBER 2006 – REVISED JANUARY 2014
Electrical Characteristics (continued)
The following specifications apply for VA = VD = VR = VC = 3.3V, CL = 10pF, and fINCLK = 15MHz unless otherwise specified.
Boldface limits apply for TA = TMIN to TMAX; all other limits TA = 25°C.
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Units
Power Supply Specifications
VA Normal State
60
97
125
IA
VA Analog Supply Current
mA
VA Low Power State
12
23
32
(Powerdown)
VR Normal State
30
64
75
mA
(LVDS Outputs)
IR
VR Digital Supply Current
CMOS Output Data Format
15
47
55
mA
LVDS Output Data Format with
47
mA
Data Outputs Disabled
LVDS Output Data Format
0.05
mA
VD Digital Output Driver Supply
CMOS Output Data Format
ID
Current
(ATE Loading of CMOS Outputs
12
40
mA
> 50pF)
Typical sensor outputs: SH,
CLK1=
Φ1A, CLK2=Φ2A,
VC CCD Timing Generator Output
CLK3=
ΦB, CLK4=ΦC,
IC
0.5
12
mA
Driver Supply Current
CLK5=RS, CLK6=CP
(ATE Loading of CMOS Outputs
> 50pF)
LVDS Output Data Format
350
505
650
mW
CMOS Output Data Format (ATE
PWR
Average Power Dissipation
Loading of CMOS Outputs >
380
610
700
mW
50pF)
Input Sampling Circuit Specifications
CDS Gain=1x, PGA Gain=1x
2.3
VIN
Input Voltage Level
Vp-p
CDS Gain=2x, PGA Gain= 1x
1.22
Source Followers Off
50
70
CDS Gain = 1x
μA
(-70)
(-40)
OSX = VA (OSX = AGND)
Source Followers Off
75
105
Sample and Hold Mode Input Leakage
IIN_SH
CDS Gain = 2x
μA
Current
(-105)
(-75)
OSX = VA (OSX = AGND)
Source Followers On
-10
CDS Gain = 2x
-200
200
nA
-16
OSX = VA (OSX = AGND)
Sample/Hold Mode
CDS Gain = 1x
2.5
CSH
Equivalent Input Capacitance
pF
CDS Gain = 2x
4
(see Figure 12)
7
Source Followers Off
IIN_CDS
CDS Mode Input Leakage Current
-300
300
nA
OSX = VA (OSX = AGND)
(-25)
CLPIN Switch Resistance
RCLPIN
16
50
(OSX to VCLP Node in Figure 9)
VCLP Reference Circuit Specifications
VCLP DAC Resolution
4
Bits
VCLP DAC Step Size
0.16
V
VCLP Config.
VCLP DAC Voltage Min Output
0.14
0.26
0.43
V
Register = 0001 0000b
VCLP Config.
VVCLP
VCLP DAC Voltage Max Output
2.38
2.68
2.93
V
Register = 0001 1111b
VCLP Config.
Resistor Ladder Enabled
1.54
VA / 2
1.73
V
Register = 0010 xxxxb
VCLP DAC Short Circuit Output
VCLP Config.
ISC
30
mA
Current
Register = 0001 xxxxb
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM98714


Số phần tương tự - LM98714

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
   Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
logo
Texas Instruments
LM98714 TI-LM98714 Datasheet
733Kb / 17P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
LM98714BCMT TI-LM98714BCMT Datasheet
733Kb / 17P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
LM98714BCMT/NOPB TI1-LM98714BCMT/NOPB Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714BCMTX TI-LM98714BCMTX Datasheet
733Kb / 17P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
More results

Mô tả tương tự - LM98714

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714CCMTX TI-LM98714CCMTX Datasheet
733Kb / 17P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
logo
National Semiconductor ...
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
   Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
logo
Texas Instruments
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP Datasheet
573Kb / 54P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640 TI1-LM98640_14 Datasheet
804Kb / 46P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
logo
National Semiconductor ...
LM98722 NSC-LM98722 Datasheet
481Kb / 14P
   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
Texas Instruments
LM98722 TI1-LM98722_14 Datasheet
708Kb / 20P
[Old version datasheet]   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com