công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FJV3106R bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FJV3106R
Giải thích chi tiết về linh kiện  Switching circuit, Inverter, Interface circuit, Driver Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJV3106R bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FJV3106R Datasheet HTML 1Page - Fairchild Semiconductor FJV3106R Datasheet HTML 2Page - Fairchild Semiconductor FJV3106R Datasheet HTML 3Page - Fairchild Semiconductor FJV3106R Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, July 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current
100
mA
PC
Collector Power Dissipation
200
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=10µA, IE=0
50
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=100µA, IB=0
50
V
ICBO
Collector Cut-off Current
VCB=40V, IE=0
0.1
µA
hFE
DC Current Gain
VCE=5V, IC=5mA
68
VCE(sat)
Collector-Emitter Saturation Voltage
IC=10mA, IB=0.5mA
0.3
V
Cob
Output Capacitance
VCE=10mA, IE=0
f=1.0MHz
3.7
pF
fT
Current Gain Bandwidth Product
VCB=10V, IC=5mA
250
MHz
VI(off)
Input Off Voltage
VCE=5V, IC=100µA0.3
V
VI(on)
Input On Voltage
VCE=0.3V, IC=1mA
1.4
V
R1
Input Resistor
7
10
13
K
R1/R2
Resistor Ratio
0.19
0.21
0.24
FJV3106R
Switching Application (Bias Resistor Built In)
• Switching circuit, Inverter, Interface circuit, Driver Circuit
• Built in bias Resistor (R1=10KΩ, R2=47KΩ)
• Complement to FJV4106R
Equivalent Circuit
B
E
C
R1
R2
R26
Marking
SOT-23
1. Base 2. Emitter 3. Collector
1
2
3


Số phần tương tự - FJV3106R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FJV3106R FAIRCHILD-FJV3106R Datasheet
89Kb / 4P
   NPN Epitaxial Silicon Transistor
More results

Mô tả tương tự - FJV3106R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FJV4103RMTF FAIRCHILD-FJV4103RMTF Datasheet
61Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
FJX4002RTF FAIRCHILD-FJX4002RTF Datasheet
48Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com