công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FPSC5002U bảng dữ liệu(PDF) 1 Page - Meder Electronic

tên linh kiện FPSC5002U
Giải thích chi tiết về linh kiện  FLOAT MATERIAL: POLYPROPYLENE, WHITE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MEDER [Meder Electronic]
Trang chủ  http://www.meder.com
Logo MEDER - Meder Electronic

FPSC5002U bảng dữ liệu(HTML) 1 Page - Meder Electronic

  FPSC5002U Datasheet HTML 1Page - Meder Electronic FPSC5002U Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DRAWING NUMBER
REV.
Millimeters
2 Place Dec.
1 Place Dec.
When Unspecified
Scale :
Inches
2 Place Dec.
3 Place Dec.
Fractions
-
+
-+
+
-
Angles
TOLERANCES
DRAWING NUMBER
Dwn.
App'd.
TITLE
-
+
-+
+
-
Standex
Electronics
a
Standex company
DATE
CINCINNATI
OHIO
REV.
This drawing and the information and technical data contained hereon,
are confidential and proprietary to
Standex Electronics
and shall
not be used in whole or in part without
Standex
written consent
FPSC 5002U
4/2/2012
CCR
N/A
FPSC 5002U
3
3
X/X
.XXX
.XX
.X
.XX
4/3/2012
DCJ
FPS-L
NOTES:
1. FLOAT MATERIAL: POLYPROPYLENE, WHITE
2. HOUSING AND RETAINER RING MATERIAL: POLYPROPYLENE, BLACK
3. O-RING MATERIAL: SILICONE
4. OPERATING TEMPERATURES UP TO 70°C
5. STORAGE TEMPERATURE UP TO 105°C
6. ELECTRICAL CHARACTERISTICS:
- POWER RATING (MAX)
50VA
- SWITCHING VOLTAGE (MAX)
200 VDC, 150 VAC
- BREAKDOWN VOLTAGE (MIN)
250VDC
- CONTACT ARRANGEMENT
SPST
- SWICHING CURRENT (MAX)
1.5 A DC, 1.5 A AC
- CARRY CURRENT (MAX)
2.5 A DC, 2.5 A AC
- CONTACT RESISTANCE
100 m
- INSULATION RESISTANCE (MIN)
10¹²
- SWITCH AGENCY LISTED
UL E122752
7. WIRE CONNECTIONS: 18AWG UL1007/1569 OR UL2468
8. FLOAT SPECIFIC GRAVITY: 0.75 (REFERENCE ONLY)
9. PLASTIC MATERIAL REGULATORY COMPLIANCE: FDA, RoHS, UL
10. CONFORMS TO UL508
11. MUST PASS MINIMUM OF 30 LBS. WIRE PULL TEST USING DEAD
WEIGHT FOR ONE MINUTE
BOM FOR PACKAGE
ITEM
QTY.
SENSOR
1
ELBOW 90°
1
SPIGOT
1
NPT BUSHING
1
WARNING LABEL
1
INSTRUCTIONS
1
* ITEMS REQUIRED FOR ASSEMBLY
- PVC CEMENT
- TEFLON TAPE
3/4" NPT SPIGOT
1" TO 3/4" NPT
THREADED BUSHING
1" PVC ELBOW
SENSOR
WIRE: 6 FEET
INSTALLATION INSTRUCTIONS
* REMOVE SENSOR PRIOR TO INSTALLATION
* DO NOT GLUE SENSOR TO HOUSING
* PLUG DRAIN AND FILL PAN TO CONFIRM
SENSOR FUNCTION AFTER INSTALLATION
* REMOVE SENSOR TO CLEAN & INSPECT
.09" ±.10
WATER LEVEL @
SENSOR ACTIVATION
PIPE CENTERLINE
1.06"
2.18"
2.50"
MARKING
DETAIL
MARKING LOCATION


Số phần tương tự - FPSC5002U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Standex Electronics, In...
FPSC5002U STANDEX-FPSC5002U Datasheet
71Kb / 1P
   FPS-L
REV.3 4/3/2012
More results

Mô tả tương tự - FPSC5002U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Meder Electronic
FPSC5001U MEDER-FPSC5001U Datasheet
130Kb / 2P
   FLOAT MATERIAL: POLYPROPYLENE, WHITE
logo
Suntan Capacitors
TSL-1206UW000MTH SUNTAN-TSL-1206UW000MTH Datasheet
364Kb / 3P
   Material: White-InGaN (Yellow Diffused)
logo
PIC GmbH
PFC-2320-3 PIC-PFC-2320-3 Datasheet
43Kb / 1P
   Magnet Float
logo
American Electronic Com...
FCNA3710AW AEC-FCNA3710AW Datasheet
423Kb / 2P
   Float Controls
logo
PIC GmbH
PFM-PP-Q-001 PIC-PFM-PP-Q-001 Datasheet
75Kb / 1P
   Magnet Float
logo
Pepperl+Fuchs Inc.
LFL2-CK-U-TPK5-EMS PF-LFL2-CK-U-TPK5-EMS Datasheet
531Kb / 3P
   Float Switch
2021-07-27
logo
Cynergy3 Co
MC05A CYNERGY3-MC05A Datasheet
625Kb / 1P
   Float Switch
logo
Pepperl+Fuchs Inc.
LFL2-BK-U-TPK5-EMS PF-LFL2-BK-U-TPK5-EMS Datasheet
673Kb / 3P
   Float Switch
2021-07-27
logo
Meder Electronic
FSC5002U MEDER-FSC5002U Datasheet
40Kb / 2P
   HOUSING AND RETAINER RING MATERIAL: POLYPROPYLENE, BLACK
logo
PIC GmbH
PFC-1806-3 PIC-PFC-1806-3 Datasheet
47Kb / 1P
   Magnet Float
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com