công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FQD7P06TF bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FQD7P06TF
Giải thích chi tiết về linh kiện  P-Channel QFET MOSFET - 60 V, - 5.4 A, 450 m
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD7P06TF bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FQD7P06TF Datasheet HTML 1Page - Fairchild Semiconductor FQD7P06TF Datasheet HTML 2Page - Fairchild Semiconductor FQD7P06TF Datasheet HTML 3Page - Fairchild Semiconductor FQD7P06TF Datasheet HTML 4Page - Fairchild Semiconductor FQD7P06TF Datasheet HTML 5Page - Fairchild Semiconductor FQD7P06TF Datasheet HTML 6Page - Fairchild Semiconductor FQD7P06TF Datasheet HTML 7Page - Fairchild Semiconductor FQD7P06TF Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
FQD7P06 Rev. C0
www.fairchildsemi.com
2
Elerical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 3.6mH, IAS = -5.4A, VDD = -25V, RG = 25 Starting TJ = 25°C
3. ISD ≤ -7.0A, di/dt ≤ 300A/s, VDD ≤ BVDSS, Starting TJ = 25°C
4. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250 A
-60
--
--
V
BVDSS
/
TJ
Breakdown Voltage Temperature
Coefficient
ID = -250 A, Referenced to 25°C
--
-0.07
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -60 V, VGS = 0 V
--
--
-1
A
VDS = -48 V, TC = 125°C
--
--
-10
A
IGSSF
Gate-Body Leakage Current, Forward
VGS = -25 V, VDS = 0 V
--
--
-100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = 25 V, VDS = 0 V
--
--
100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250 A
-2.0
--
-4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = -10 V, ID = -2.7 A
--
0.36
0.451
gFS
Forward Transconductance
VDS = -30 V, ID = -2.7 A
--
3.8
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -25 V, VGS = 0 V,
f = 1.0 MHz
--
225
295
pF
Coss
Output Capacitance
--
110
145
pF
Crss
Reverse Transfer Capacitance
--
25
32
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -30 V, ID = -3.5 A,
RG = 25 
--
7
25
ns
tr
Turn-On Rise Time
--
50
110
ns
td(off)
Turn-Off Delay Time
--
7.5
25
ns
tf
Turn-Off Fall Time
--
25
60
ns
Qg
Total Gate Charge
VDS = -48 V, ID = -7.0 A,
VGS = -10 V
--
6.3
8.2
nC
Qgs
Gate-Source Charge
--
1.6
--
nC
Qgd
Gate-Drain Charge
--
3.1
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
-5.4
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
-21.6
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = -5.4 A
--
--
-4.0
V
trr
Reverse Recovery Time
VGS = 0 V, IS = -7.0 A,
dIF / dt = 100 A/s
--
77
--
ns
Qrr
Reverse Recovery Charge
--
0.23
--
C
(Note 4)
(Note 4)


Số phần tương tự - FQD7P06TF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQD7P06TM FAIRCHILD-FQD7P06TM Datasheet
543Kb / 8P
   P-Channel QFET짰 MOSFET - 60 V, - 5.4 A, 450 m?
More results

Mô tả tương tự - FQD7P06TF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQD7P06TM FAIRCHILD-FQD7P06TM Datasheet
543Kb / 8P
   P-Channel QFET짰 MOSFET - 60 V, - 5.4 A, 450 m?
FQB11P06TM FAIRCHILD-FQB11P06TM Datasheet
1Mb / 9P
   P-Channel QFET MOSFET -60 V, -11.4 A, 175 m廓
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
   N-Channel QFET MOSFET 60 V, 20 A, 60 m
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQD20N06LTF FAIRCHILD-FQD20N06LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 60 V, 17.2 A, 42 m
FQU13N06TU FAIRCHILD-FQU13N06TU Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQD8P10TF FAIRCHILD-FQD8P10TF Datasheet
551Kb / 9P
   P-Channel QFET MOSFET - 100 V, - 6.6 A, 530 m
FQD2P40TM FAIRCHILD-FQD2P40TM Datasheet
702Kb / 8P
   P-Channel QFET MOSFET -400 V, -1.56 A, 6.5
FQD5P10TM FAIRCHILD-FQD5P10TM Datasheet
527Kb / 8P
   P-Channel QFET MOSFET -100 V, -3.6 A, 1.05?
FQT3P20TF FAIRCHILD-FQT3P20TF Datasheet
1Mb / 8P
   P-Channel QFET MOSFET -200 V, -0.67 A, 2.7
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com