công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM6T18A bảng dữ liệu(PDF) 2 Page - General Semiconductor

tên linh kiện SM6T18A
Giải thích chi tiết về linh kiện  TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GE [General Semiconductor]
Trang chủ  http://www.vishay.com
Logo GE - General Semiconductor

SM6T18A bảng dữ liệu(HTML) 2 Page - General Semiconductor

  SM6T18A Datasheet HTML 1Page - General Semiconductor SM6T18A Datasheet HTML 2Page - General Semiconductor SM6T18A Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS RATINGS at (TA=25ºC unless otherwise noted)
SM6T6V8A
KE7
KE7
5.80
1000
6.45
7.14
10
10.5
57.0
13.4
298
5.7
SM6T7V5A
KK7
AK7
6.40
500
7.13
7.88
10
11.3
53.0
14.5
276
6.1
SM6T10A
KT7
AT7
8.55
10.0
9.50
10.5
1.0
14.5
41.0
18.6
215
7.3
SM6T12A
KX7
AX7
10.2
5.00
11.4
12.6
1.0
16.7
36.0
21.7
184
7.8
SM6T15A
LG7
LG7
12.8
1.00
14.3
15.8
1.0
21.2
28.0
27.2
147
8.4
SM6T18A
LM7
BM7
15.3
1.00
17.1
18.9
1.0
25.2
24
32.5
123
8.8
SM6T22A
LT7
BT7
18.8
1.00
20.9
23.1
1.0
30.6
20.0
39.3
102
9.2
SM6T24A
LV7
LV7
20.5
1.00
22.8
25.2
1.0
33.2
18.0
42.8
93
9.4
SM6T27A
LX7
BX7
23.1
1.00
25.7
28.4
1.0
37.5
16.0
48.3
83
9.6
SM6T30A
ME7
CE7
25.6
1.00
28.5
31.5
1.0
41.5
14.5
53.5
75
9.7
SM6T33A
MG7
MG7
28.2
1.00
31.4
34.7
1.0
45.7
13.1
59.0
68
9.8
SM6T36A
MK7
CK7
30.8
1.00
34.2
37.8
1.0
49.9
12.0
64.3
62
9.9
SM6T39A
MM7
CM7
33.3
1.00
37.1
41.0
1.0
53.9
11.1
69.7
57
10.0
SM6T68A
NG7
NG7
58.1
1.00
64.6
71.4
1.0
92.0
6.50
121
33
10.4
SM6T100A
NV7
NV7
85.5
1.00
95.0
105
1.0
137
4.40
178
22.5
10.6
SM6T150A
PK7
PK7
128
1.00
143
158
1.0
207
2.90
265
15
10.8
SM6T200A
PR7
PR7
171
1.00
190
210
1.0
274
2.20
353
11.3
10.8
SM6T220A
PR8
PR8
188
1.00
209
231
1.0
328
2.00
388
10.3
10.8
NOTES:
(1) For bi-directional devices add “C” for ±10% and “CA” for ±5% tolerance of VBR
(2) VBR measured after IT applied for 300µs square wave pulse
(3) For bipolar devices with VR=10 Volts or under, the IT limit is doubled
APPLICATION NOTES
A 600W (SMB) device is normally selected when the threat of transients is from lightning induced transients, conducted via external leads or I/O lines. It is also used to pro-
tect against switching transients induced by large coils or industrial motors. Source impedance at component level in a system is usually high enough to limit the current
within the peak pulse current (IPP) rating of this series. In an overstress condition, the failure mode is a short circuit.
RECOMMENDED PAD SIZES
The pad dimensions should be 0.010” (0.25mm) longer than the contact size, in the lead axis. This allows a solder fillet to form, see figure below. Contact factory for
soldering methods.
0.90 (2.28)
0.025 (2.16)
0.070 (1.78)
Type(1)
Device Marking Code
Uni
Bi
Standoff
Voltage
VRM
(Volts)
Leakage
Current(3)
IRM @ VRM
(
µA)
Breakdown Voltage
VBR @ IT
(2)
(Volts)
Min
Max
Test
Current
IT
(mA)
Clamping Voltage
VC @ IPP
10/1000
µs
(Volts)
(Amps)
α
T
Max
10-4/
°C
Clamping Voltage
VC @ IPP
8/20
µs
(Volts)
(Amps)


Số phần tương tự - SM6T18A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
SM6T18A STMICROELECTRONICS-SM6T18A Datasheet
186Kb / 5P
   TRANSILTM
logo
Shenzhen Luguang Electr...
SM6T18A LUGUANG-SM6T18A Datasheet
2Mb / 5P
   600Watts Surface Mount TVS
logo
Vishay Siliconix
SM6T18A VISHAY-SM6T18A Datasheet
36Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
logo
SUNMATE electronic Co.,...
SM6T18A SUNMATE-SM6T18A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM6T18A VISHAY-SM6T18A Datasheet
111Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
More results

Mô tả tương tự - SM6T18A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
General Semiconductor
SM15T GE-SM15T Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBG GE-SMBG Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMCG GE-SMCG Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
TGL41-6.8 GE-TGL41-6.8 Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMAJ530 GE-SMAJ530 Datasheet
37Kb / 2P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
ICTE5.0 GE-ICTE5.0 Datasheet
46Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P4KE530 GE-P4KE530 Datasheet
37Kb / 2P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 GE-P6KE68 Datasheet
65Kb / 4P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE6.8 NJSEMI-1.5KE6.8 Datasheet
193Kb / 3P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
1.5KE6.8 GE-1.5KE6.8 Datasheet
66Kb / 6P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com