công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7FLIT1B-DRAIS bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện ST7FLIT1B-DRAIS
Giải thích chi tiết về linh kiện  Raisonances complete, low-cost starter kits for STM8 and ST7
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLIT1B-DRAIS bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  ST7FLIT1B-DRAIS Datasheet HTML 1Page - STMicroelectronics ST7FLIT1B-DRAIS Datasheet HTML 2Page - STMicroelectronics ST7FLIT1B-DRAIS Datasheet HTML 3Page - STMicroelectronics ST7FLIT1B-DRAIS Datasheet HTML 4Page - STMicroelectronics ST7FLIT1B-DRAIS Datasheet HTML 5Page - STMicroelectronics ST7FLIT1B-DRAIS Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Architecture
STM8-SK/RAIS STM8-D/RAIS ST7-SK/RAIS ST7-D/RAIS
2/6
Doc ID 11271 Rev 6
Architecture
Embedded RLink: In-circuit debugging and programming tool that uses SWIM for the
STM8, in-circuit communication (ICC) for the ST7 and supports the JTAG protocol. It
interfaces with the host PC via a USB connection.
REva mother board: Universal evaluation board designed for quick and easy evaluation of
a complete range of features (I/Os, ADC, SPI, CAN, I2C...) for a variety of STM8 and ST7s.
It is powered from the RLink’s USB connection to the host PC.
REva daughterboards: Interchangeable boards featuring different STM8 and ST7
microcontrollers, make it easy to evaluate and develop applications for a complete range of
MCUs from a single evaluation platform. All boards have a clock source selection jumper,
and an oscillator footprint. See Table 1 and Table 2 for details.
Raisonance’s software: RLink can be driven by Raisonance’s Ride7 or RFlasher7.
Ride7: Drives the RLink and offers seamless control of software development tools
(project manager, editor, compiler, assembler, linker, debugger, etc.) from an intuitive
graphical interface. It offers full integration of the relevant C/C++ toolsets, project
management, code editor and SIMICE instruction set simulator. Ride7 includes:
RBuilder allows users to rapidly configure device peripherals in a GUI and
generate the C source code for peripherals at the click of a button without writing a
single line of code
SIMICE simulator
Raisonance STM8 and ST7 C compiler, free download version allows compiling
up to 2 Kbytes code (Effective Date: April 1st, 2013).
High-level language debugging
Project manager
Color syntax highlighting editor
Free downloads of evaluation versions with unlimited debugging from
www.raisonance.com
The optional CodeCompressor allows post-link optimization of the entire
applications code using optimizations like in-lining, factorizing and peepholing,
which can reduce application code by 5 to 15%.
RFlasher7: Raisonance’s easy-to-use device programming interface drives RLink and
allows users to erase, program, view and verify microcontroller memory. RFlasher7
also includes automated mode for automatic execution of programming sequences for
mass programming and project mode that allows users to save their programming
configurations. In this operating mode, tasks become intuitive and can be achieved with
only a few clicks such as:
Flash memory erasing and programming,
Flash or RAM memory dumping,
blank check, programming verifications,
mass programming process.


Số phần tương tự - ST7FLIT1B-DRAIS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST7FLIT10BF0BX STMICROELECTRONICS-ST7FLIT10BF0BX Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7FLIT10BF0MX STMICROELECTRONICS-ST7FLIT10BF0MX Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7FLIT10BF1BX STMICROELECTRONICS-ST7FLIT10BF1BX Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7FLIT10BF1MX STMICROELECTRONICS-ST7FLIT10BF1MX Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7FLIT10BY0BX STMICROELECTRONICS-ST7FLIT10BY0BX Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
More results

Mô tả tương tự - ST7FLIT1B-DRAIS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM8-SK STMICROELECTRONICS-STM8-SK Datasheet
165Kb / 6P
   Raisonance?셲 complete, low-cost starter kits for STM8 and ST7
ST7XXXX-SK STMICROELECTRONICS-ST7XXXX-SK Datasheet
76Kb / 4P
   Raisonance?셲 complete, low-cost starter kits for ST7
STR91X-SK STMICROELECTRONICS-STR91X-SK_1 Datasheet
187Kb / 4P
   IAR?셲 complete, low cost starter kits for STR7 and STR9
ST7-STICK STMICROELECTRONICS-ST7-STICK Datasheet
75Kb / 2P
   Low Cost, In-Circuit Programmer for ST7
STR91X-SK STMICROELECTRONICS-STR91X-SK Datasheet
194Kb / 4P
   Keil starter kits for STR7 and STR9
STM32W-SK STMICROELECTRONICS-STM32W-SK Datasheet
83Kb / 4P
   Starter and extension kits for STM32W108xx microcontrollers
ST7-DVP3 STMICROELECTRONICS-ST7-DVP3 Datasheet
152Kb / 3P
   Low Cost, Real Time Emulator Series for ST7
logo
VIA Technologies, Inc.
ENT-610M VIA-ENT-610M Datasheet
438Kb / 2P
   Starter Kits
logo
STMicroelectronics
SN260-2SK STMICROELECTRONICS-SN260-2SK Datasheet
82Kb / 6P
   Low-cost REva starter kits for incorporation of ZigBee짰 connectivity in microcontroller applications
logo
Maxim Integrated Produc...
MAX1552 MAXIM-MAX1552 Datasheet
324Kb / 12P
   Complete Power IC for Low-Cost PDAs
Rev 0; 4/03
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com