công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM312F bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện SM312F
Giải thích chi tiết về linh kiện  MINI-BEAM dc-Voltage Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SM312F bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  SM312F Datasheet HTML 1Page - List of Unclassifed Manufacturers SM312F Datasheet HTML 2Page - List of Unclassifed Manufacturers SM312F Datasheet HTML 3Page - List of Unclassifed Manufacturers SM312F Datasheet HTML 4Page - List of Unclassifed Manufacturers SM312F Datasheet HTML 5Page - List of Unclassifed Manufacturers SM312F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Wiring Diagrams
Emitters with Attached Cable
All Other Models with Attached Cable
bn
bu
+
10-30V dc
bn
wh
bu
+
bk
Load
Load
10-30V dc
Emitters with Quick Disconnect (4-pin Euro-Style)
All Other Models with Quick Disconnect (4-pin Euro-Style)
bn
wh
bu
+
bk
10-30V dc
bn
wh
bu
+
bk
Load
Load
10-30V dc
The output type for all models is Bipolar NPN/PNP; load 150 mA max., each output.
Sensor Mounting and Alignment
MINI-BEAM sensors perform most reliably if they are properly aligned and securely mounted.
For maximum mechanical stability, mount MINI-BEAM sensors through 18 mm diameter holes by their threaded barrel (where available), or use a mounting bracket. A
complete selection of mounting brackets is available. Visit www.bannerengineering.com or contact the factory for information on mounting options.
Begin with line-of-sight positioning of the MINI-BEAM sensor to its emitter (opposed-mode sensing) or to its target (all other sensing modes). When using a retroreflective
sensor, the target is the retroreflector (“retro target”). For diffuse or convergent sensing modes, the target is the object to be detected.
Apply power to the sensor (and to the emitter, if using the opposed mode). Advance the 15-turn Gain control to maximum (clockwise end of rotation) using a small flat-blade
screwdriver. The Gain control is clutched at both ends to avoid damage and will “free-wheel” when either endpoint is reached.
If the MINI-BEAM sensor is receiving its light signal, the red LED Alignment indicator will be ON and flashing at a rate proportional to the signal strength (faster = more
signal). Move the sensor (or retro target, if applicable) up-down-right-left (including angular rotation) to find the center of the movement zone within which the LED indicator
remains ON. Reducing the Gain setting reduces the size of the movement zone for more precise alignment.
Repeat the alignment motions after each Gain reduction. When optimum alignment is achieved, mount sensor(s) (and the retro target, if applicable) solidly in that position.
Increase the Gain to maximum.
Test the sensor by placing the object to be detected in the sensing position, then removing it. The Alignment indicator LED should come ON when the sensing beam is
established (Light condition) or be ON when the beam is broken (Dark condition). If the Alignment indicator LED stays ON for both sensing conditions, consider the follow-
ing tips for each sensing mode.
Opposed Mode Alignment
Object
Emitter
Receiver
“Flooding” occurs when a portion of the sensing beam passes around the object to
be sensed. “Burn-through” occurs when a portion of the emitter’s light energy pass-
es through a thin or translucent object, and is sensed by the receiver.
To correct either problem, do one or more of the following to reduce the light ener-
gy:
• Reduce the Gain adjustment on the receiver.
• Add an aperture to one or both lenses. (MINI-BEAM apertures, available from
Banner, fit neatly inside the lens assembly.)
• Intentionally misalign the emitter and receiver.
Note:
• Light condition: sensor output is ON when there is no object in beam
• Dark condition: sensor output is ON when there is an object in beam
MINI-BEAM dc-Voltage Series
P/N 69943 rev. C
www.bannerengineering.com - tel: 763-544-3164
3


Số phần tương tự - SM312F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SM312F ETC2-SM312F Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312F ETC2-SM312F Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
SM312F ETC2-SM312F Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
logo
Banner Engineering Corp...
SM312F BANNER-SM312F Datasheet
582Kb / 10P
   DC Voltage Series
logo
List of Unclassifed Man...
SM312FP ETC2-SM312FP Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
More results

Mô tả tương tự - SM312F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SM312LVMHS ETC2-SM312LVMHS Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312CV ETC2-SM312CV Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312CV-V01 ETC-SM312CV-V01 Datasheet
1Mb / 14P
   MINI-BEAM® DC Voltage Series Sensor
logo
Banner Engineering Corp...
SME312 BANNER-SME312 Datasheet
1Mb / 13P
   MINI-BEAM SME312 Expert Series
logo
Ledil, Inc.
C13253 LEDIL-C13253_18 Datasheet
5Mb / 11P
   Mini reflector with ~60째 wide beam
CA13636 LEDIL-CA13636 Datasheet
3Mb / 7P
   Mini reflector with ~72째 wide beam.
logo
Premier Magnetics, Inc.
S3AS050520 PMI-S3AS050520 Datasheet
67Kb / 7P
   MINI DC/DC CONVERTERS
logo
List of Unclassifed Man...
DL40 ETC2-DL40 Datasheet
89Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
logo
OSRAM GmbH
SFH-4451 OSRAM-SFH-4451 Datasheet
728Kb / 13P
   Narrow beam LED in Mini MIDLED package
logo
List of Unclassifed Man...
DL50 ETC2-DL50 Datasheet
92Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com