công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8517IPWR bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện ADS8517IPWR
Giải thích chi tiết về linh kiện  16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8517IPWR bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS8517IPWR Datasheet HTML 2Page - Texas Instruments ADS8517IPWR Datasheet HTML 3Page - Texas Instruments ADS8517IPWR Datasheet HTML 4Page - Texas Instruments ADS8517IPWR Datasheet HTML 5Page - Texas Instruments ADS8517IPWR Datasheet HTML 6Page - Texas Instruments ADS8517IPWR Datasheet HTML 7Page - Texas Instruments ADS8517IPWR Datasheet HTML 8Page - Texas Instruments ADS8517IPWR Datasheet HTML 9Page - Texas Instruments ADS8517IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
ADS8517
SLAS527A – SEPTEMBER 2008 – REVISED JUNE 2009 ................................................................................................................................................. www.ti.com
PIN ASSIGNMENTS (continued)
Data clock. Either an input or an output, depending on the EXT/INT level. Output data are
DATACLK
18
I/O
synchronized to this clock. If EXT/INT is low, DATACLK transmits 16 pulses after each
conversion, and then remains low between conversions.
Serial data output. Data are synchronized to DATACLK, with the format determined by the level
of SB/BTC. In the external clock mode, after 16 bits of data, the ADC outputs the level input on
SDATA
19
O
TAG as long as CS is low and R/C is high. If EXT/INT is low, data are valid on both the rising
and falling edges of DATACLK, and between conversions SDATA stays at the level of the TAG
input when the conversion was started.
Tag input for use in the external clock mode. If EXT is high, digital data input from TAG is output
TAG
20
I
on DATA with a delay that depends on the external clock mode.
Byte select. Selects the eight most significant bits (low) or eight least significant bits (high) on
BYTE
21
I
parallel output pins.
Read/convert input. With CS low, a falling edge on R/C puts the internal sample-and-hold circuit
R/C
22
I
into the hold state and starts a conversion. With EXT/INT is low, the transmission of the data
results from the previous conversion is initiated.
Chip select. Internally ORed with R/C. If R/C is low, a falling edge on CS initiates a new
CS
23
I
conversion. If EXT/INT is low, this same falling edge will start the transmission of serial data
results from the previous conversion.
Busy output. At the start of a conversion, BUSY goes low and stays low until the conversion is
BUSY
24
O
completed and the digital outputs have been updated.
Power-down input. If high, conversions are inhibited and power consumption is significantly
PWRD
25
I
reduced. Results from the previous conversion are maintained in the output shift register.
Reference disable. REFD high shuts down the internal reference. The external reference is
REFD
26
I
required for conversions.
VANA
27
ADC core supply. Nominally +5 V. Decouple with 0.1-
µF ceramic and 10-µF tantalum capacitors.
VDIG
28
I/O supply. Nominally +1.8 V.
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8517


Số phần tương tự - ADS8517IPWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8517IPWR TI-ADS8517IPWR Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
More results

Mô tả tương tự - ADS8517IPWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com