công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8517IDWG4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện ADS8517IDWG4
Giải thích chi tiết về linh kiện  16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8517IDWG4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS8517IDWG4 Datasheet HTML 1Page - Texas Instruments ADS8517IDWG4 Datasheet HTML 2Page - Texas Instruments ADS8517IDWG4 Datasheet HTML 3Page - Texas Instruments ADS8517IDWG4 Datasheet HTML 4Page - Texas Instruments ADS8517IDWG4 Datasheet HTML 5Page - Texas Instruments ADS8517IDWG4 Datasheet HTML 6Page - Texas Instruments ADS8517IDWG4 Datasheet HTML 7Page - Texas Instruments ADS8517IDWG4 Datasheet HTML 8Page - Texas Instruments ADS8517IDWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
ADS8517
ADS8517
1
FEATURES
APPLICATIONS
DESCRIPTION
SuccessiveApproximationRegister(SAR)
Comparator
CDAC
Ref
Buffer
BUF
ADC
REF
REF
CAP
R1
IN
40kW
20kW
2.5-V
InternalReference
6kW
Parallel
and
Serial
DataOut
and
Control
Clock
40kW
10kW
R2
IN
REFD
Parallel
Data
PWRD
BYTE
BUSY
CS
R/C
SB/BTC
TAG
SDATA
DATACLK
EXT/INT
ADS8517
www.ti.com ................................................................................................................................................. SLAS527A – SEPTEMBER 2008 – REVISED JUNE 2009
16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER
with Internal Reference and Parallel/Serial Interface
• Portable Test Equipment
23
• 200-kHz Minimum Sampling Rate
• USB Data Acquisition Module
• 4-V, 5-V, and ±10-V Input Ranges with
• Medical Equipment
High-Impedance Input
• Industrial Process Control
• ±1.5 LSB Max INL
• Digital Signal Processing
• +1.5/–1 LSB Max/Min DNL, 16 Bits NMC
• Instrumentation
• ±2-mV Max BPZ, ±0.6 ppm/°C BPZ Drift
• ±2-mV Max UPZ, ±0.15 ppm/°C UPZ Drift
• 88.8-dB SINAD with 10-kHz Input
The ADS8517 is a complete low-power, single 5-V
• SPI™-Compatible Serial Output With
supply,
16-bit
sampling
analog-to-digital
(A/D)
Daisy-Chain (TAG), SPI Master/Slave Feature
converter.
It
contains
a
complete,
16-bit,
• Full Parallel Interface
capacitor-based, successive approximation register
(SAR) A/D converter with sample-and-hold, clock,
• Binary Twos Complement or Straight Binary
reference, and data interface. The converter can be
Output Code Formats
configured for a variety of input ranges including
• Single 4.5-V to 5.5-V Analog Supply, 1.65-V to
±10 V, 4 V, and 5 V. For most input ranges, the input
5.5-V Interface Supply
voltage can swing to 25 V or –25 V without damage
to the device.
• Uses Internal 2.5-V or External Reference
• No External Precision Resistors Required
An SPI-compatible serial interface allows data to be
synchronized to an internal or external clock. A full
• Low Power Dissipation (ADC+REF+BUF):
parallel interface using the selectable BYTE pin is
47 mW Typ, 60 mW Max at 200 kSPS
also provided to allow the maximum system design
• 50-µW Max Power-Down Mode
flexibility. The ADS8517 is specified at a 200-kHz
sampling rate over the industrial –40°C to +85°C
• Pin-Compatible with 16-Bit ADS7807 and
temperature range.
ADS8507, and 12-Bit ADS7806 and ADS8506
• SO-28 and TSSOP-28 Packages
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS8517IDWG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8517IDW TI-ADS8517IDW Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517IDWR TI-ADS8517IDWR Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
More results

Mô tả tương tự - ADS8517IDWG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com