công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8512IDWR bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện ADS8512IDWR
Giải thích chi tiết về linh kiện  12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8512IDWR bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS8512IDWR Datasheet HTML 7Page - Texas Instruments ADS8512IDWR Datasheet HTML 8Page - Texas Instruments ADS8512IDWR Datasheet HTML 9Page - Texas Instruments ADS8512IDWR Datasheet HTML 10Page - Texas Instruments ADS8512IDWR Datasheet HTML 11Page - Texas Instruments ADS8512IDWR Datasheet HTML 12Page - Texas Instruments ADS8512IDWR Datasheet HTML 13Page - Texas Instruments ADS8512IDWR Datasheet HTML 14Page - Texas Instruments ADS8512IDWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
BASIC OPERATION
INTERNAL DATACLK
1
2
3
4
5
6
7
8
R1
IN
GND
R2
IN
R3
IN
BUF
CAP
REF
GND
V
S
PWRD
BUSY
CS
CONV
EXT/INT
DATA
DATACLK
16
15
14
13
12
11
10
9
ADS8512
±10V
+5V
C
3
1µF
C
4
0.01µF
C
1
0.1µF
C
2
10µF
C
5
1µF
+
+
ConvertPulse
40nsmin
+
FrameSync(optional)
EXTERNAL DATACLK
1
2
3
4
5
6
7
8
R1
IN
GND
R2
IN
R3
IN
BUF
CAP
REF
GND
V
S
PWRD
BUSY
CS
CONV
EXT/INT
DATA
DATACLK
16
15
14
13
12
11
10
9
ADS8512
±10V
NOTE:(1) Tie
toGNDiftheoutputswillalwaysbeactive.
CS
+5V
+5V
C
1
0.1µF
C
2
10µF
C
5
1µF
+
ConvertPulse
40nsmin
+
Interrupt(optional)
ExternalClock
ChipSelect(optional(1))
C
3
1µF
C
4
0.01µF
+
ADS8512
www.ti.com ...................................................................................................................................................................................................... SLAS485 – JUNE 2008
Figure 36 shows a basic circuit to operate the ADS8512 with a ±10-V input range. To begin a conversion and
serial transmission of the results from the previous conversion, a falling edge must be provided to the CONV
input. BUSY goes low to indicate that a conversion has started, and stays low until the conversion is complete.
During the conversion, the results of the previous conversion are transmitted via DATA while DATACLK provides
the synchronous clock for the serial data. The data format is 12-bit, binary twos complement, MSB first. Each
data bit is valid on both the rising and falling edge of DATACLK. BUSY is low during the entire serial
transmission and can be used as a frame synchronization signal.
Figure 36. Basic Operating Circuit, ±10-V Input Range, Internal DATACLK
Figure 37 shows another basic circuit to operate the ADS8512 with a ±10-V input range. To begin a conversion,
a falling edge must be provided to the CONV input. BUSY goes low to indicate that a conversion has started and
stays low until the conversion is complete. Just before BUSY rises near the end of the conversion, the
conversion result held in the internal working register is transferred to the internal shift register.
The internal shift register is clocked via the DATACLK input. The recommended method of reading the
conversion result is to provide the serial clock after the conversion has completed. See the External DATACLK
subsection under the Reading Data section of this data sheet for more information.
Figure 37. Basic Operating Circuit, ±10-V Input Range, External DATACLK
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS8512


Số phần tương tự - ADS8512IDWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8512IDWR TI-ADS8512IDWR Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
More results

Mô tả tương tự - ADS8512IDWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com