công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8519IBDB bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8519IBDB
Giải thích chi tiết về linh kiện  16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8519IBDB bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS8519IBDB Datasheet HTML 1Page - Texas Instruments ADS8519IBDB Datasheet HTML 2Page - Texas Instruments ADS8519IBDB Datasheet HTML 3Page - Texas Instruments ADS8519IBDB Datasheet HTML 4Page - Texas Instruments ADS8519IBDB Datasheet HTML 5Page - Texas Instruments ADS8519IBDB Datasheet HTML 6Page - Texas Instruments ADS8519IBDB Datasheet HTML 7Page - Texas Instruments ADS8519IBDB Datasheet HTML 8Page - Texas Instruments ADS8519IBDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ADS8519
www.ti.com
SLAS462D – JUNE 2007 – REVISED SEPTEMBER 2010
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, fs = 250kSPS, and VDIG = VANA = 5V, using internal reference (unless otherwise specified).
ADS8519I
ADS8519IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
DC ACCURACY
INL
Integral linearity error
–3
3
–1.5
1.5
LSB(2)
DNL
Differential linearity error
–2
2
–1
1
LSB
No missing codes
15
16
Bits
Transition noise(3)
0.67
0.67
LSB
±10V range
Internal reference
–0.5
0.5
–0.25
0.25
Full-scale
%FSR
error(4) (5)
All other ranges
Internal reference
–0.5
–0.05
0.5
–0.5
–0.05
0.5
Full-scale error drift
Internal reference
±7
±7
ppm/°C
±10V range
External reference
–0.05
0.003
0.05
–0.05
0.003
0.05
Full-scale
%FSR
error(4) (5)
All other ranges
External reference
–0.5
0.5
–0.5
0.5
Full-scale error drift
External reference
±2
±2
ppm/°C
Bipolar zero error(4)
–4
4
–2
2
mV
Bipolar zero error drift
±2
±2
ppm/°C
Unipolar zero
8.192V
–20
6
20
–20
6
20
mV
error(4)
Unipolar zero error drift
±0.4
±0.4
ppm/°C
Recovery to rated accuracy after
1mF capacitor to CAP
1
1
ms
power down
Power supply sensitivity
+4.75V < VD < +5.25V
–8
8
–8
8
LSB
(VDIG = VANA = VD)
AC ACCURACY
SFDR
Spurious-free dynamic range
fI = 20kHz
95
100
97
100
dB(6)
THD
Total harmonic distortion
fI = 20kHz
–96
–94
–98
–96
dB
fI = 20kHz
87
91
90
92
dB
SINAD
Signal-to-(noise+distortion)
–60dB Input
30
32
dB
SNR
Signal-to-noise ratio
fI = 20kHz
88
92
91
93
dB
Full-power bandwidth(7)
500
500
kHz
SAMPLING DYNAMICS
Aperture delay
5
5
ns
Transient response
FS step
2
2
ms
Overvoltage recovery(8)
150
150
ns
REFERENCE
Internal reference voltage
No load
4.076
4.096
4.116
4.076
4.096
4.116
V
Internal reference source current
1
1
mA
(must use external buffer)
Internal reference drift
8
8
ppm/°C
External reference voltage range
3.9
4.096
4.2
3.9
4.096
4.2
V
for specified linearity
External reference current drain
External 4.096V ref.
100
100
mA
(2)
LSB means Least Significant Bit. For the ±10V input range, one LSB is 305mV.
(3)
Typical rms noise at worst-case transitions and temperatures.
(4)
As measured with circuit shown in Figure 29 and Figure 30.
(5)
For bipolar input ranges, full-scale error is the worst case of –Full-Scale or +Full-Scale uncalibrated deviation from ideal first and last
code transitions, divided by the transition voltage (not divided by the full-scale range) and includes the effect of offset error. For unipolar
input ranges, full-scale error is the deviation of the last code transition divided by the transition voltage. It also includes the effect of
offset error.
(6)
All specifications in dB are referred to a full-scale ±10V input.
(7)
Full-power bandwidth is defined as the full-scale input frequency at which signal-to-(noise + distortion) degrades to 60dB.
(8)
Recovers to specified performance after 2 x FS input overvoltage.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8519


Số phần tương tự - ADS8519IBDB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8519IBDB TI-ADS8519IBDB Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDB TI-ADS8519IBDB Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDBG4 TI-ADS8519IBDBG4 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDBR TI-ADS8519IBDBR Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDBR TI-ADS8519IBDBR Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8519IBDB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809U-1K TI1-ADS7809U-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com