công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8519 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8519
Giải thích chi tiết về linh kiện  16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8519 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS8519 Datasheet HTML 1Page - Texas Instruments ADS8519 Datasheet HTML 2Page - Texas Instruments ADS8519 Datasheet HTML 3Page - Texas Instruments ADS8519 Datasheet HTML 4Page - Texas Instruments ADS8519 Datasheet HTML 5Page - Texas Instruments ADS8519 Datasheet HTML 6Page - Texas Instruments ADS8519 Datasheet HTML 7Page - Texas Instruments ADS8519 Datasheet HTML 8Page - Texas Instruments ADS8519 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ADS8519
SLAS462D – JUNE 2007 – REVISED SEPTEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, fs = 250kSPS, and VDIG = VANA = 5V, using internal reference (unless otherwise specified).
ADS8519I
ADS8519IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
Logic levels
VIL
Low-level input voltage(9)
VDIG = 1.65V to 5.25V
–0.3
0.6
–0.3
0.6
V
VIH
High-level input voltage(9)
VDIG = 1.65V to 5.25V
0.5 x VDIG
VDIG + 0.3
0.5 x VDIG
VDIG + 0.3
V
IIL
Low-level input current
VIL = 0V
±10
±10
mA
IIH
High-level input current
VIH = 5V
±10
±10
mA
DIGITAL OUTPUTS
Data format
Serial, 16-bits
Serial, 16-bits
Binary 2's complement
Binary 2's complement
Data coding
or straight binary
or straight binary
Conversion results only available
Conversion results only available
Pipeline delay
after completed conversion
after completed conversion
Selectable for internal
Selectable for internal
Data clock
or external data clock
or external data clock
Internal clock (output only when
EXT/INT low
9
9
MHz
transmitting data)
External clock (can run
continually but not recommended
EXT/INT high
0.1
26
0.1
26
MHz
for optimum performance)
ISINK = 1.6mA,
VOL
Low-level output voltage
0.45
0.45
V
VDIG = 1.65V to 5.25V
ISOURCE = 500mA,
VOH
High-level output voltage
VDIG – 0.45
VDIG – 0.45
V
VDIG = 1.65V to 5.25V
Hi-Z state,
Leakage current
±5
±5
mA
VOUT = 0V to VDIG
Output capacitance
Hi-Z state
15
15
pF
POWER SUPPLIES
VDIG
Digital input voltage
Must be
≤ VANA
1.65
5.25
1.65
5.25
V
VANA
Analog input voltage
Must be
≤ VANA
4.75
5
5.25
4.75
5
5.25
V
IDIG
Digital input current
Must be
≤ VANA
0.1
1
0.1
1
mA
IANA
Analog input current
Must be
≤ VANA
22
25
22
25
mA
POWER DISSIPATION
PWRD Low
fS = 250kSPS
110
125
110
125
mW
PWRD High
20
20
mW
TEMPERATURE RANGE
Specified performance
–40
+85
–40
+85
°C
Derated performance(10)
–55
+125
–55
+125
°C
Storage
–65
+150
–65
+150
°C
qJA
Thermal resistance
67
67
°C/W
(9)
TTL-compatible at 5V supply.
(10) The internal reference may not be started correctly beyond the industrial temperature range (–40°C to +85°C); therefore, use of an
external reference is recommended.
4
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8519


Số phần tương tự - ADS8519

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519I TI-ADS8519I Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519I TI-ADS8519I Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IB TI-ADS8519IB Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8519IB TI-ADS8519IB Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8519

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809U-1K TI1-ADS7809U-1K Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com