công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8513IBDWG4 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện ADS8513IBDWG4
Giải thích chi tiết về linh kiện  16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8513IBDWG4 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS8513IBDWG4 Datasheet HTML 3Page - Texas Instruments ADS8513IBDWG4 Datasheet HTML 4Page - Texas Instruments ADS8513IBDWG4 Datasheet HTML 5Page - Texas Instruments ADS8513IBDWG4 Datasheet HTML 6Page - Texas Instruments ADS8513IBDWG4 Datasheet HTML 7Page - Texas Instruments ADS8513IBDWG4 Datasheet HTML 8Page - Texas Instruments ADS8513IBDWG4 Datasheet HTML 9Page - Texas Instruments ADS8513IBDWG4 Datasheet HTML 10Page - Texas Instruments ADS8513IBDWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
-2
-1
0
1
2
T -Free-AirTemperature- C
A
°
-45 -30 -15 0 15
45 60 75 90
30
105 120
4VUnipolarRange,
Drift=2.8ppm/ C
°
-2
-1
0
1
2
T -Free-AirTemperature- C
A
°
-45 -30 -15 0 15
45 60 75 90
30
105 120
10VUnipolarRange,
Drift=2.8ppm/ C
°
0.15
0.2
T -Free-AirTemperature- C
A
°
-45 -30 -15 0 15
45 60 75 90
30
105 120
4VUnipolarRange,
Drift=0.1ppm/°C
0.15
0.2
T -Free-AirTemperature- C
A
°
-45 -30 -15 0 15
45 60 75 90
30
105 120
10VUnipolarRange,
Drift=0.4ppm/ C
°
f =10kHz,0dB
i
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
T -Free-AirTemperature-ºC
A
-50
-25
0
25
50
75
100
125
-110
-105
-100
-95
-90
-85
-80
T -Free-AirTemperature-ºC
A
f =10kHz,0dB
i
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14 16
18
20
f-Frequency-kHz
-20dB
-60dB
0dB
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
T -Free-AirTemperature-ºC
A
f =10kHz,0dB
i
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
T -Free-AirTemperature-ºC
A
f =10kHz,0dB
i
ADS8513
www.ti.com ...................................................................................................................................................... SLAS486C – JUNE 2007 – REVISED JANUARY 2009
TYPICAL CHARACTERISTICS (continued)
UNIPOLAR POSITIVE FULL-SCALE
UNIPOLAR OFFSET ERROR
ERROR
UNIPOLAR OFFSET ERROR
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 10.
Figure 11.
Figure 12.
UNIPOLAR POSITIVE FULL-SCALE
ERROR
SPURIOUS FREE DYNAMIC RANGE
TOTAL HARMONIC DISTORTION
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 13.
Figure 14.
Figure 15.
SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE + DISTORTION
SIGNAL-TO-NOISE + DISTORTION
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS8513


Số phần tương tự - ADS8513IBDWG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8513IBDW TI-ADS8513IBDW Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8513IBDWR TI-ADS8513IBDWR Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Mô tả tương tự - ADS8513IBDWG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com