công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8513IBDW bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8513IBDW
Giải thích chi tiết về linh kiện  16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8513IBDW bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS8513IBDW Datasheet HTML 1Page - Texas Instruments ADS8513IBDW Datasheet HTML 2Page - Texas Instruments ADS8513IBDW Datasheet HTML 3Page - Texas Instruments ADS8513IBDW Datasheet HTML 4Page - Texas Instruments ADS8513IBDW Datasheet HTML 5Page - Texas Instruments ADS8513IBDW Datasheet HTML 6Page - Texas Instruments ADS8513IBDW Datasheet HTML 7Page - Texas Instruments ADS8513IBDW Datasheet HTML 8Page - Texas Instruments ADS8513IBDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ADS8513
SLAS486C – JUNE 2007 – REVISED JANUARY 2009 ...................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, fS = 40kSPS, VS = 5V, and using internal reference and fixed resistors, unless otherwise specified.
ADS8513I
ADS8513IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
VIL
Low-level input voltage
–0.3
+0.8
–0.3
+0.8
V
VIH
High-level input voltage
2.0
VD +0.3 V
2.0
VD +0.3 V
V
IIL
Low-level input current
VIL = 0V
±10
µA
IIH
High-level input current
VIH = 5V
±10
µA
DIGITAL OUTPUTS
Data format
Serial
Serial
Data coding
Binary twos complement
Binary twos complement
VOL
Low-level output voltage
ISINK = 1.6mA
0.4
0.4
V
VOH
High-level output voltage
ISOURCE = 500µA
4
4
V
High-Z state,
Leakage Current
±1
±1
µA
VOUT = 0V to VS
Output capacitance
High-Z state
15
15
pF
DIGITAL TIMING
Bus access time
RL = 3.3kΩ, CL = 50pF
83
83
ns
Bus relinquish time
RL = 3.3kΩ, CL = 10pF
83
83
ns
POWER SUPPLIES
VS
Supply voltage
4.75
5
5.25
4.75
5
5.25
V
IDIG
Digital current
0.6
0.6
mA
IANA
Analog current
4.2
4.2
mA
VS = 5V, fS = 40kSPS
24
32.5
24
32.5
mW
Power dissipation
PWRD and REFD high
50
50
µW
TEMPERATURE RANGE
Specified performance
–40
+85
–40
+85
°C
Derated performance
–55
+125
–55
+125
°C
Storage temperature
–65
+150
–65
+150
°C
θ
JA
Thermal resistance
46
46
°C/W
Table 1. Input Ranges
CONNECT R1IN
CONNECT R2IN
CONNECT R3IN
INPUT IMPEDANCE
ANALOG INPUT RANGE
TO
TO
TO
(k
Ω)
±10V
VIN
BUF
GND
45.7
0.3125V to 2.8125V
VIN
VIN
VIN
> 10,000
±5V
GND
BUF
VIN
26.7
0V to 10V
BUF
GND
VIN
26.7
0V to 4V
BUF
VIN
GND
21.3
±3.33V
VIN
BUF
VIN
21.3
0.5V to 4.5V
GND
VIN
GND
21.3
4
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8513


Số phần tương tự - ADS8513IBDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8513IBDW TI-ADS8513IBDW Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8513IBDWR TI-ADS8513IBDWR Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Mô tả tương tự - ADS8513IBDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com