công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8508 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện ADS8508
Giải thích chi tiết về linh kiện  12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8508 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS8508_14 Datasheet HTML 1Page - Texas Instruments ADS8508_14 Datasheet HTML 2Page - Texas Instruments ADS8508_14 Datasheet HTML 3Page - Texas Instruments ADS8508_14 Datasheet HTML 4Page - Texas Instruments ADS8508_14 Datasheet HTML 5Page - Texas Instruments ADS8508_14 Datasheet HTML 6Page - Texas Instruments ADS8508_14 Datasheet HTML 7Page - Texas Instruments ADS8508_14 Datasheet HTML 8Page - Texas Instruments ADS8508_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
ADS8508
SLAS433 – SEPTEMBER 2005
ELECTRICAL CHARACTERISTICS (continued)
At T
A = -40°C to 85°C, fs = 250 kHz, VDIG = VANA = 5 V, using internal reference and fixed resistors (See Figure 28 and
Figure 29) (unless otherwise specified)
ADS8508IB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
±10 V range
Int. Ref. with 0.1% external fixed
-0.5
0.5
Full-scale
%FS
resistors
error(4)(5)
All other ranges
-0.5
0.5
Full-scale error drift
Int. Ref.
±7
ppm/°C
±10 V range
Ext. Ref. with 0.1% external fixed
-0.5
0.5
Full-scale
%FS
resistors
error(4)(5)
All other ranges
-0.5
0.5
Full-scale error drift
Ext. Ref.
±2
ppm/°C
Bipolar zero error(4)
-1
1
mV
Bipolar zero error drift
±0.4
ppm/°C
10 V range
-5
5
Unipolar zero
mV
4 V and 5 V
-3
3
error(4)
range
Unipolar zero error drift
±2
ppm/°C
Recovery to rated accuracy after
1-µF Capacitor to CAP
1
ms
power down
Power supply sensitivity
-0.5
0.5
+4.75 V < VD < +5.25 V
LSB
(VDIG = VANA = VD)
AC ACCURACY
SFDR
Spurious-free dynamic range
fI = 45 kHz
86
95
dB(6)
THD
Total harmonic distortion
fI = 45 kHz
-95
-86
dB
SINAD
fI = 45 kHz
72
73
dB
Signal-to-(noise+distortion)
–60-dB Input
32
dB
SNR
Signal-to-noise ratio
fI = 45 kHz
72
73
dB
Full-power bandwidth(7)
500
kHz
SAMPLING DYNAMICS
Aperture delay
5
ns
Transient response
FS Step
2
µs
Overvoltage recovery(8)
150
ns
REFERENCE
Internal reference voltage
No load
2.48
2.5
2.52
V
Internal reference source current
1
µA
(must use external buffer)
Internal reference drift
8
ppm/°C
External reference voltage range for
2.3
2.5
2.7
V
specified linearity
External reference current drain
Ext. 2.5-V Ref.
100
µA
DIGITAL INPUTS
Logic levels
VIL
Low-level input voltage
-0.3
0.8
V
VIH
High-level input voltage
2.0
VDIG +0.3 V
V
(4)
As measured with circuit shown in Figure 28 and Figure 29. Adjustable to zero with external potentiometer. Factory calibrated with 0.1%,
0.25-W resistors.
(5)
For bipolar input ranges, full-scale error is the worst case of -full-scale or +full-scale uncalibrated deviation from ideal first and last code
transitions, divided by the transition voltage (not divided by the full-scale range) and includes the effect of offset error. For unipolar input
ranges, full-scale error is the deviation of the last code transition divided by the transition voltage. It also includes the effect of offset
error.
(6)
All specifications in dB are referred to a full-scale ±10-V input.
(7)
Full-power bandwidth is defined as the full-scale input frequency at which signal-to-(noise + distortion) degrades to 60 dB.
(8)
Recovers to specified performance after 2 x FS input overvoltage.
3


Số phần tương tự - ADS8508_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8508IBDW TI-ADS8508IBDW Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508IBDWG4 TI-ADS8508IBDWG4 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508IBDWR TI-ADS8508IBDWR Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508IBDWRG4 TI-ADS8508IBDWRG4 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8508_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com