công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS13 bảng dữ liệu(PDF) 1 Page - Micro Commercial Components

tên linh kiện SS13
Giải thích chi tiết về linh kiện  1 Amp Schottky Rectifier 20 to 100 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MCC [Micro Commercial Components]
Trang chủ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS13 bảng dữ liệu(HTML) 1 Page - Micro Commercial Components

  SS13 Datasheet HTML 1Page - Micro Commercial Components SS13 Datasheet HTML 2Page - Micro Commercial Components SS13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS12
THRU
SS110
1 Amp Schottky
Rectifier
20 to 100 Volts
Features
Low Forward Voltage
Guard Ring Protection
High Current Capability
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 28
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SS12
SS12
20V
14V
20V
SS13
SS13
30V
21V
30V
SS14
SS14
40V
28V
40V
SS15
SS15
50V
35V
50V
SS16
SS16
60V
42V
60V
SS18
SS18
80V
56V
80V
SS110
SS110
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TJ = 100
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SS12
SS13
SS14
SS15-16
SS18-110
VF
.45V
.55V
.60V
.70V
.85V
IFM = 1.0A;
TJ = 25
°C*
Typical Junction
Capacitance
SS12 - SS16
SS18-SS110
CJ
110pF
30pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
20mA
TA = 25
°C
TA = 100
°C
H
J
E
F
G
A
B
D
C
Cathode Band
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.067
.089
1.70
2.25
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.035
.055
.89
1.40
F
.065
.096
1.65
2.45
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.100
.112
2.57
2.84
DO-214AC
(SMA) (High Profile)
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Revision:
B
20
11/11/01
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
NOT RECOMMENDED FOR NEW DESIGNS
USE SS12E-TP~SS110E-TP SERIES


Số phần tương tự - SS13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
SS13 MCC-SS13 Datasheet
187Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
logo
Pan Jit International I...
SS13 PANJIT-SS13 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS13 DGNJDZ-SS13 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SS13 CHENDA-SS13 Datasheet
324Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 40 Volts Forward Current - 1.0Ampere
logo
Taiwan Semiconductor Co...
SS13 TSC-SS13 Datasheet
137Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
More results

Mô tả tương tự - SS13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
SS12FL MCC-SS12FL Datasheet
369Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SK15-LTP MCC-SK15-LTP Datasheet
325Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
2013/01/01
SK12-L MCC-SK12-L Datasheet
282Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12 MCC-SS12_11 Datasheet
187Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12E MCC-SS12E Datasheet
205Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SK110-LTP MCC-SK110-LTP Datasheet
312Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12 MCC-SS12 Datasheet
353Kb / 2P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS18E-TP MCC-SS18E-TP Datasheet
234Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12E MCC-SS12E_16 Datasheet
218Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS12-L MCC-SS12-L_17 Datasheet
338Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com