công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12DL040CIVS bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện ADC12DL040CIVS
Giải thích chi tiết về linh kiện  ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL040CIVS bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ADC12DL040CIVS Datasheet HTML 4Page - Texas Instruments ADC12DL040CIVS Datasheet HTML 5Page - Texas Instruments ADC12DL040CIVS Datasheet HTML 6Page - Texas Instruments ADC12DL040CIVS Datasheet HTML 7Page - Texas Instruments ADC12DL040CIVS Datasheet HTML 8Page - Texas Instruments ADC12DL040CIVS Datasheet HTML 9Page - Texas Instruments ADC12DL040CIVS Datasheet HTML 10Page - Texas Instruments ADC12DL040CIVS Datasheet HTML 11Page - Texas Instruments ADC12DL040CIVS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
ADC12DL040
SNAS250D – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
Converter Electrical Characteristics (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.0V, VDR =
+2.5V, PD = 0V, External VREF = +1.0V, fCLK = 40 MHz, fIN = 10 MHz, tr = tf = 2 ns, CL = 15 pF/pin, Duty Cycle Stabilizer On,
parallel output mode. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1) (2) (3)
Typical
Limits
Units
Symbol
Parameter
Conditions
(4)
(4)
(Limits)
fIN = 1 MHz, VIN = −0.5 dBFS
68.5
dB
SINAD
Signal-to-Noise and Distortion
fIN = 10 MHz, VIN = −0.5 dBFS
68.5
67
dB (min)
fIN = 20 MHz, VIN = −0.5 dBFS
68.5
66.5
dB
fIN = 1 MHz, VIN = −0.5 dBFS
11.1
Bits
ENOB
Effective Number of Bits
fIN = 10 MHz, VIN = −0.5 dBFS
11.1
10.8
Bits (min)
fIN = 20 MHz, VIN = −0.5 dBFS
11.1
10.75
Bits
fIN = 1 MHz, VIN = −0.5 dBFS
−82
dB
THD
Total Harmonic Distortion
fIN = 10 MHz, VIN = −0.5 dBFS
−83
-75
dB (min)
fIN = 20 MHz, VIN = −0.5 dBFS
−83
-75
dB
fIN = 1 MHz, VIN = −0.5 dBFS
−88
dB
H2
Second Harmonic Distortion
fIN = 10 MHz, VIN = −0.5 dBFS
−86
-76
dB (min)
fIN = 20 MHz, VIN = −0.5 dBFS
−86.5
-75
dB
fIN = 1 MHz, VIN = −0.5 dBFS
−86
dB
H3
Third Harmonic Distortion
fIN = 10 MHz, VIN = −0.5 dBFS
−87
-77
dB (min)
fIN = 20 MHz, VIN = −0.5 dBFS
−86.5
-76
dB
fIN = 1 MHz, VIN = −0.5 dBFS
86
dB
SFDR
Spurious Free Dynamic Range
fIN = 10 MHz, VIN = −0.5 dBFS
85
76
dB (min)
fIN = 20 MHz, VIN = −0.5 dBFS
84
75
dB
fIN = 9.6 MHz and 10.2 MHz, each = −6.5
IMD
Intermodulation Distortion
−75
dBFS
dBFS
INTER-CHANNEL CHARACTERISTICS
Channel—Channel Offset Match
±0.3
%FS
Channel—Channel Gain Match
±4
%FS
10 MHz Tested Channel;
90
dB (min)
20 MHz Other Channel
Crosstalk
20 MHz Tested Channel;
90
dB (min)
10 MHz Other Channel
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL040


Số phần tương tự - ADC12DL040CIVS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12DL040CIVS/NOPB TI1-ADC12DL040CIVS/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   210mW A/D Converter
ADC12DL040CIVSX/NOPB TI1-ADC12DL040CIVSX/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   210mW A/D Converter
More results

Mô tả tương tự - ADC12DL040CIVS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC12DL040 NSC-ADC12DL040 Datasheet
1Mb / 26P
   Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
logo
Analog Devices
AD10242 AD-AD10242_15 Datasheet
319Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
logo
Hittite Microwave Corpo...
HMCAD1050-40 HITTITE-HMCAD1050-40 Datasheet
788Kb / 14P
   Dual 13/12-Bit 20/40 MSPS A/D Converter
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Analog Devices
AD9224 AD-AD9224 Datasheet
309Kb / 24P
   Complete 12-Bit 40 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com