công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145012P bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện MC145012P
Giải thích chi tiết về linh kiện  Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145012P bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  MC145012P Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Sensors
Freescale Semiconductor
5
MC145012
Table 3. AC Electrical Characteristics
(Reference Timing Diagram Figure 6 and Figure 7)
(TA = 25°C, VDD = 9.0 V, Component Values from Figure 8: R1 = 100.0 KΩ, C3 = 1500.0 pF, R2 = 7.5 MΩ).
No.
Parameter
Symbol
Test Condition
Clocks
Min (6)
Typ (7)
Max(6)
Unit
1
Oscillator Period
1/FOSC
Free-Running Sawtooth
Measured at Pin 12
1.0
7.0
7.9
8.6
ms
2
LED Pulse Period
TLED
No Local Smoke, and
No Remote Smoke
4096
28.8
32.4
35.2
s
3
Remote Smoke, but
No Local Smoke
Extinguished
4
Local Smoke
64
0.45
5
Push-button Test
64
0.45
6
LED Pulse Width and Strobe
Pulse Width
TW(LED),
TW(STB)
1.0
7.0
8.6
ms
7
IRED Pulse Period
TIRED
Smoke Test
1024
7.2
8.1
8.8
s
8
IRED Pulse Period
TIRED
Chamber Sensitivity Test,
without Local Smoke
4096
28.8
32.4
35.2
s
9
Push-button Test
128
0.9
1.0
1.1
10
IRED Pulse Width
TW(IRED)
TF*
94
116
µs
11
IRED Rise Time
TR
30
12
IRED Fall Time
TF
200
µs
13
Silver and Brass Temporal
Modulation Pulse Width
TON
64
0.45
0.5
0.55
s
14
TOFF
0.45
0.5
0.55
15
TOFFD
192
1.35
1.52
1.65
16
Silver and Brass Chirp Pulse
Period
TCH
Low Supply or Degraded
Chamber Sensitivity
4096
28.8
32.4
35.2
s
17
Silver and Brass Chirp Pulse
Width
TWCH
1
7.0
7.9
8.6
ms
18
Rising Edge on I/O to Smoke
Alarm Response Time
TRR
Remote Smoke,
No Local Smoke
2.0 (8)
s
19
Strobe Out Pulse Period
TSTB
Smoke Test
1024
7.2
8.1
8.8
s
20
Chamber Sensitivity Test,
without Local Smoke
4096
28.8
32.4
35.2
21
Low Supply Test,
without Local Smoke
4096
28.8
32.4
35.2
22
Push-button Test
1.0
Notes
6. Oscillator period T (= Tr + Tf) is determined by the external components R1, R2, and C3 where TR = (0.6931) R2 C3 and TF = (0.6931) R1 *
C3. The other timing characteristics are some multiple of the oscillator timing as shown in the table. The timing shown should accommodate
the NFPA 72, ANSI S3.41, and ISO 8201 audible emergency evacuation signals.
7. Typicals are not guaranteed.
8. Time is typical - depends on what point in cycle signal is applied.


Số phần tương tự - MC145012P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC145012P FREESCALE-MC145012P Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
More results

Mô tả tương tự - MC145012P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
Motorola, Inc
MC145018 MOTOROLA-MC145018 Datasheet
263Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT AND TEMPORAL HORN DRIVER
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
   Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com