công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145012P bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC145012P
Giải thích chi tiết về linh kiện  Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145012P bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC145012P Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Sensors
Freescale Semiconductor
3
MC145012
Table 1. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent damage to the
device. (Voltages referenced to VSS)
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
-0.5 to +12
V
DC Input Voltage
C1, C2, Detect
Osc, Low-Supply Trip
I/O
Feedback
Test
VIN
-0.25 to VDD +0.25
-0.25 to VDD +0.25
-0.25 to VDD +10
-15 to +25
-1.0 to VDD +0.25
V
DC Input Current, per Pin
IIN
±10
mA
DC Output Current, per Pin
IOUT
±25
mA
DC Supply Current, VDD and VSS Pins
IDD
+25 / -150
mA
Power Dissipation in Still Air
5 Seconds
Continuous
PD
1200 (1)
350 (2)
mW
Storage Temperature
TSTG
-55 to +125
°C
Lead Temperature, 1 mm from Case for 10 Seconds
TL
260
°C
Peak Package Reflow Temperature During Reflow (3) , (4)
TPPRT
Note 4
°C
Note:
1. Derating: -12 mW/
°C from 25° to 60°C
2. Derating: -3.5 mW/×C from 25
° to 60°C.
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must
be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin
and Vout should be constrained to the range VSS £ (Vin or Vout) £ VDD except for the I/O, which can exceed VDD, and the Test input, which
can go below VSS.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs and/or an unused I/O
must be left open.
3. Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
4. Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standerd J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
> Go to www.freescale.com
> Search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (ie. MC33xxxD enter 33xxx)]
> Locate your Part Number and in the Details column, select “View”
> Select “Environmental and Compliance Information”


Số phần tương tự - MC145012P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC145012P FREESCALE-MC145012P Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
More results

Mô tả tương tự - MC145012P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
Motorola, Inc
MC145018 MOTOROLA-MC145018 Datasheet
263Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT AND TEMPORAL HORN DRIVER
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
   Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com