công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145012 bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MC145012
Giải thích chi tiết về linh kiện  Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145012 bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC145012 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Sensors
Freescale Semiconductor
9
MC145012
Figure 8. Typical Battery-Powered Application
Table 4. Pin Description
Pin No.
Pin Name
Description
1
C1
A capacitor connected to this pin as shown in Figure 8 determines the gain of the on-chip photo amplifier during push-
button test and chamber sensitivity test (high gain). The capacitor value is chosen such that the alarm is tripped from
background reflections in the chamber during push-button test.
Av ≈ 1 + (C1/10) where C1 is in pF. CAUTION: The value of the closed-loop gain should not exceed 10,000.
2
C2
A capacitor connected to this pin as shown in Figure 8 determines the gain of the on-chip photo amplifier except during
push-button or chamber sensitivity tests.
Av ≈ 1 + (C2/10) where C2 is in pF. This gain increases about 10% during the IRED pulse, after two consecutive local
smoke detections.
Resistor R14 must be installed in series with C2. R14
≈ [1/(12√C2)] - 680 where R14 is in ohms and C2 is in farads.
3
DETECT
This input to the high-gain pulse amplifier is tied to the cathode of an external photodiode. The photodiode should have
low capacitance and low dark leakage current. The diode must be shunted by a load resistor and is operated at zero
bias.
The Detect input must be AC/DC decoupled from all other signals, VDD, and VSS. Lead length and/or foil traces to this
pin must be minimized, also. See Figure 9.
D2
IR Detector
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
TEST
LOW-SUPPLY
TRIP
VSS
R1
OSC
LED
FEEDBACK
SILVER
VDD
IRED
I/O
BRASS
STROBE
DETECT
C1
C2
Horn
X1
To Other
MC145012(s),
Escape Light(S),
Auxiliary Alarm(S),
Remote Alarm(S),
And/or Auto-dialer
IR
Current
R13(10)
4.7 TO 22
Q1
2.2 M
R5(9)
D4
Visible
LED
R7
47 k
R6
100 k
SW1
+
+
MC145012
Reverse
Polarity
Protection
Circuit
Pushbutton
Test
R2
7.5 M
0.01
µF
C6(9)
C3
1500 pF
R1
100 k
R3
470
R4(9)
100 k
9 V
B1
D1
1 TO 22
µF
C4(12)
C1
0.047
µF
C2(10)
4700 pF
R14
560
R11 250 k
R8
8.2 k
R9(11)
5 k
R10
4.7 k
D3
IR Emitter
R12
1 k
C5
100
µF
9. Values for R4, R5, and C6 may differ depending on type of piezoelectric horn used.
10.C2 and R13 are used for coarse sensitivity adjustment. Typical values are shown.
11.R9 is for fine sensitivity adjustment (optional). If fixed resistors are used, R8 = 12 k, R10 is 5.6 k to 10 k, and R9 is eliminated.
When R9 is used, noise pickup is increased due to antenna effects. Shielding may be required.
12.C4 should be 22
µF if B1 is a carbon battery. C4 could be reduced to 1 µF when an alkaline battery is used.


Số phần tương tự - MC145012

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
MC145012DW FREESCALE-MC145012DW Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
MC145012ED FREESCALE-MC145012ED Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
MC145012P FREESCALE-MC145012P Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
More results

Mô tả tương tự - MC145012

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
Motorola, Inc
MC145018 MOTOROLA-MC145018 Datasheet
263Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT AND TEMPORAL HORN DRIVER
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
   Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com