công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8505IB bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện ADS8505IB
Giải thích chi tiết về linh kiện  16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8505IB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS8505IB Datasheet HTML 1Page - Texas Instruments ADS8505IB Datasheet HTML 2Page - Texas Instruments ADS8505IB Datasheet HTML 3Page - Texas Instruments ADS8505IB Datasheet HTML 4Page - Texas Instruments ADS8505IB Datasheet HTML 5Page - Texas Instruments ADS8505IB Datasheet HTML 6Page - Texas Instruments ADS8505IB Datasheet HTML 7Page - Texas Instruments ADS8505IB Datasheet HTML 8Page - Texas Instruments ADS8505IB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
Successive ApproximationRegisterandControlLogic
Clock
BUSY
Comparator
BYTE
CS
R/C
CDAC
Buffer
REF
CAP
± 10VInput
5kΩ
2kΩ
9.8kΩ
Internal
+2.5VRef
4kΩ
Output
Latches
and
Three
State
Drivers
Three
State
Parallel
Data
Bus
ADS8505
SLAS180B – SEPTEMBER 2005 – REVISED JUNE 2007
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
• Industrial Process Control
• 105dB SFDR at 250-kHz Sample Rate
• Data Acquisition Systems
• Standard ±10-V Input Range
• Digital Signal Processing
• ±1.5 LSB Max INL
• Medical Equipment
• ±1 LSB Max DNL, 16-Bits No Missing Codes
• Instrumentation
• ±2 mV Max Bipolar Zero Error With ±0.4
PPM/
°C Drift
• ±0.1% FSR Max Full-Scale Error With ±2
The ADS8505 is a complete 16-bit sampling A/D
PPM/
°C Drift
converter using state-of-the-art CMOS structures. It
• Single 5-V Supply Operation
contains a complete 16-bit, capacitor-based, SAR
• Pin-Compatible With ADS7805 (Low Speed)
A/D
with
S/H,
reference,
clock,
interface
for
and 12-Bit ADS8504/7804
microprocessor use, and 3-state output drivers.
• Uses Internal or External Reference
The ADS8505 is specified at a 250-kHz sampling
• Full Parallel Data Output
rate over the full temperature range. Precision
resistors provide an industry standard
±10-V input
• 70-mW Typ Power Dissipation at 250 KSPS
range, while the innovative design allows operation
• 28-Pin SSOP and SOIC Packages
from a single +5-V supply, with power dissipation
under 100 mW.
The ADS8505 is available in 28-pin SOIC and 28-pin
SSOP packages, both fully specified for operation
over the industrial –40
°C to 85°C temperature range.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS8505IB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8505IB TI-ADS8505IB Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505IBDB TI-ADS8505IBDB Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505IBDBG4 TI-ADS8505IBDBG4 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505IBDBR TI-ADS8505IBDBR Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505IBDBRG4 TI-ADS8505IBDBRG4 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8505IB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com