công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS4128IRGZT bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS4128IRGZT
Giải thích chi tiết về linh kiện  12-Bit, 200-MSPS, Ultralow-Power ADC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4128IRGZT bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADS4128IRGZT Datasheet HTML 5Page - Texas Instruments ADS4128IRGZT Datasheet HTML 6Page - Texas Instruments ADS4128IRGZT Datasheet HTML 7Page - Texas Instruments ADS4128IRGZT Datasheet HTML 8Page - Texas Instruments ADS4128IRGZT Datasheet HTML 9Page - Texas Instruments ADS4128IRGZT Datasheet HTML 10Page - Texas Instruments ADS4128IRGZT Datasheet HTML 11Page - Texas Instruments ADS4128IRGZT Datasheet HTML 12Page - Texas Instruments ADS4128IRGZT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
ADS4128
www.ti.com
SBAS578 – MAY 2012
Pin Assignments (LVDS Mode)
PIN NAME
PIN NUMBER
PINS
FUNCTION
DESCRIPTION
AGND
9, 12, 14, 17, 19, 25
6
I
Analog ground
AVDD
8, 18, 20, 22, 24, 26
6
I
1.8-V analog power supply
CLKM
11
1
I
Differential clock input, negative
CLKOUTM
4
1
O
Differential output clock, complement
CLKOUTP
5
1
O
Differential output clock, true
CLKP
10
1
I
Differential clock input, positive
D0_D1_P
Refer to Figure 1
1
O
Differential output data D0 and D1 multiplexed, true
D0_D1_M
Refer to Figure 1
1
O
Differential output data D0 and D1 multiplexed, complement
D2_D3_P
Refer to Figure 1
1
O
Differential output data D2 and D3 multiplexed, true
D2_D3_M
Refer to Figure 1
1
O
Differential output data D2 and D3 multiplexed, complement
D4_D5_P
Refer to Figure 1
1
O
Differential output data D4 and D5 multiplexed, true
D4_D5_M
Refer to Figure 1
1
O
Differential output data D4 and D5 multiplexed, complement
D6_D7_P
Refer to Figure 1
1
O
Differential output data D6 and D7 multiplexed, true
D6_D7_M
Refer to Figure 1
1
O
Differential output data D6 and D7 multiplexed, complement
D8_D9_P
Refer to Figure 1
1
O
Differential output data D8 and D9 multiplexed, true
D8_D9_M
Refer to Figure 1
1
O
Differential output data D8 and D9 multiplexed, complement
D10_D11_P
Refer to Figure 1
1
O
Differential output data D10 and D11 multiplexed, true
D10_D11_M
Refer to Figure 1
1
O
Differential output data D10 and D11 multiplexed, complement
Data format select input. This pin sets the DATA FORMAT (twos complement or offset
DFS
6
1
I
binary) and the LVDS and CMOS output interface type. See Table 8 for detailed
information.
DRGND
1, 36, PAD
2
I
Digital and output buffer ground
DRVDD
2, 35
2
I
1.8-V digital and output buffer supply
INM
16
1
I
Differential analog input, negative
INP
15
1
I
Differential analog input, positive
NC
Refer to Figure 1
5
Do not connect
Output buffer enable input, active high; this pin has an internal 180-k
Ω pull-up resistor to
OE
7
1
I
DRVDD.
This pin functions as an out-of-range indicator after reset when register bit
OVR_SDOUT
3
1
O
READOUT = 0, and functions as a serial register readout pin when READOUT = 1.
RESERVED
23
1
I
Digital control pin, reserved for future use
Serial interface RESET input.
When using the serial interface mode, the internal registers must initialize through
hardware RESET by applying a high pulse on this pin or by using the software reset
RESET
30
1
I
option; refer to the Serial Interface section.
When RESET is tied high, the internal registers are reset to the default values. In this
condition, SEN can be used as an analog control pin.
RESET has an internal 180-k
Ω pull-down resistor.
This pin functions as a serial interface clock input when RESET is low. When RESET is
SCLK
29
1
I
high, SCLK has no function and should be tied to ground.
This pin has an internal 180-k
Ω pull-down resistor.
This pin functions as a serial interface data input when RESET is low. When RESET is
SDATA
28
1
I
high, SDATA functions as a STANDBY control pin (see Table 10).
This pin has an internal 180-k
Ω pull-down resistor.
This pin functions as a serial interface enable input when RESET is low. When RESET
SEN
27
1
I
is high, SEN has no function and should be tied to AVDD.
This pin has an internal 180-k
Ω pull-up resistor to AVDD.
Outputs the common-mode voltage (0.95 V) that can be used externally to bias the
VCM
13
1
O
analog input pins.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS4128


Số phần tương tự - ADS4128IRGZT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4128IRGZT TI-ADS4128IRGZT Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128IRGZT TI1-ADS4128IRGZT Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
More results

Mô tả tương tự - ADS4128IRGZT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI-ADS4128 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
Texas Instruments
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com