công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1208IPWRG4 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện ADS1208IPWRG4
Giải thích chi tiết về linh kiện  2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1208IPWRG4 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS1208IPWRG4 Datasheet HTML 1Page - Texas Instruments ADS1208IPWRG4 Datasheet HTML 2Page - Texas Instruments ADS1208IPWRG4 Datasheet HTML 3Page - Texas Instruments ADS1208IPWRG4 Datasheet HTML 4Page - Texas Instruments ADS1208IPWRG4 Datasheet HTML 5Page - Texas Instruments ADS1208IPWRG4 Datasheet HTML 6Page - Texas Instruments ADS1208IPWRG4 Datasheet HTML 7Page - Texas Instruments ADS1208IPWRG4 Datasheet HTML 8Page - Texas Instruments ADS1208IPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
ADS1208
SBAS348A – MARCH 2005 – REVISED MARCH 2005
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating free-air temperature range at –40°C to +85°C, AV
DD = BVDD = +5V, VREF = internal +2.5V,
Mode 3, MCLK input = 20MHz, differential input voltage = 200mV
PP, common-mode voltage = 1.4V, and 16-bit Sinc
3 filter with
OSR = 256, unless otherwise noted.
ADS1208I
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
AC Accuracy
SNR
VIN = 200mVPP at 1kHz
80
82
dB
SINAD
VIN = 200mVPP at 1kHz
77
81.5
dB
THD
VIN = 200mVPP at 1kHz
–91
–80
dB
SFDR
VIN = 200mVPP at 1kHz
80
93
dB
Digital Inputs(6)
Logic family
CMOS
VIH
High-level input voltage
0.7 x BVDD
BVDD + 0.3
V
VIL
Low-level input voltage
–0.3
0.3 x BVDD
V
IIN
Input current
VIN = BVDD or GND
–50
50
nA
CI
Input capacitance
5
pF
Digital Outputs(6)
Logic family
CMOS
VOH
High-level output voltage
BVDD = 4.5V, IOH = –100µA
4.44
V
VOL
Low-level output voltage
BVDD = 4.5V, IOL = +100µA
0.5
V
CL
Load capacitance
30
pF
Data format
Bit stream
Digital Inputs(7)
Logic family
LVCMOS
VIH
High-level input voltage
BVDD = 3.6V
2
BVDD + 0.3
V
VIL
Low-level input voltage
BVDD = 2.7V
–0.3
0.8
V
IIN
Input current
VIN = BVDD or GND
–50
50
nA
CI
Input capacitance
5
pF
Digital Outputs(7)
Logic family
LVCMOS
VOH
High-level output voltage
BVDD = 2.7, IOH = –100µA
BVDD – 0.2
V
VOL
Low-level output voltage
BVDD = 2.7, IOL = +100µA
0.2
V
CL
Load capacitance
30
pF
Data format
Bit stream
Power Supply
Analog supply voltage, AVDD
4.5
5.0
5.5
V
Digital interface supply voltage, BVDD
2.7
5
5.5
V
Operating supply current, AIDD
Modes 0, 1 and 2
11.9
15.0
mA
Operating supply current, AIDD
Mode 3
11.5
14.5
mA
Operating supply current, BIDD
Modes 0, 1 and 2
2.3
3.0
mA
Operating supply current, BIDD
Mode 3
1.3
2.0
mA
Power dissipation
Modes 0, 1 and 2
71
90
mW
Power dissipation
Mode 3
64
82.5
mW
(6)
Applicable for 5.0V nominal supply; BVDD (min) = 4.5V and BVDD (max) = 5.5V.
(7)
Applicable for 3.0V nominal supply; BVDD (min) = 2.7V and BVDD (max) = 3.6V
4


Số phần tương tự - ADS1208IPWRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1208IPWRG4 BURR-BROWN-ADS1208IPWRG4 Datasheet
381Kb / 22P
   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Texas Instruments
ADS1208IPWRG4 TI1-ADS1208IPWRG4 Datasheet
309Kb / 23P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
More results

Mô tả tương tự - ADS1208IPWRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1208 BURR-BROWN-ADS1208 Datasheet
381Kb / 22P
   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Texas Instruments
ADS1208 TI1-ADS1208 Datasheet
309Kb / 23P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Burr-Brown (TI)
AMC1210 BURR-BROWN-AMC1210 Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
logo
Texas Instruments
AMC1210 TI1-AMC1210_14 Datasheet
1Mb / 54P
[Old version datasheet]   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com