công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1202IPWT bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1202IPWT
Giải thích chi tiết về linh kiện  Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1202IPWT bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS1202IPWT Datasheet HTML 1Page - Texas Instruments ADS1202IPWT Datasheet HTML 2Page - Texas Instruments ADS1202IPWT Datasheet HTML 3Page - Texas Instruments ADS1202IPWT Datasheet HTML 4Page - Texas Instruments ADS1202IPWT Datasheet HTML 5Page - Texas Instruments ADS1202IPWT Datasheet HTML 6Page - Texas Instruments ADS1202IPWT Datasheet HTML 7Page - Texas Instruments ADS1202IPWT Datasheet HTML 8Page - Texas Instruments ADS1202IPWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ADS1202
3
SBAS275B
www.ti.com
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range at –40
°C to +85°C, V
DD = 5V, +In = –250mV to 250mV, –In = 0V, and MCLK = 10MHz, unless otherwise noted.
ADS1202IPW
PARAMETER
CONDITIONS
MIN
TYP(1)
MAX
UNITS
RESOLUTION
16
Bits
DC ACCURACY
Integral Nonlinearity(2)
INL
±3
±12
LSB
0.005
0.018
%
Differential Linearity(3)
DNL
±1
LSB
Input Offset(4)
VOS
±300
±1000
µV
Input Offset Drift
TCVOS
28
µV/°C
Gain Error(4)
GERR
±0.25
±2%
Gain Error Drift
TCGERR
20
ppm/
°C
Power-Supply Rejection Ratio
PSRR
4.75V < VDD < 5.25V
80
dB
ANALOG INPUT
Full-Scale Range
FSR
+In – (–In)
±320
mV
Operating Common-Mode Signal(3)
–0.1
5
V
Input Capacitance
Common-Mode
3
pF
Input Leakage Current
±1nA
Differential Input Resistance
Equivalent
28
k
Differential Input Capacitance
5pF
Common-Mode Rejection Ratio
CMRR
At DC
90
dB
VIN = ±1.25Vp-p at 50kHz
85
dB
INTERNAL VOLTAGE REFERENCE
Reference Voltage
VOUT
Scale to 320mV
2.450
2.5
2.550
V
Accuracy(4)
Scale to 320mV
±2%
Reference Temperature Drift
dVOUT/dT
±20
ppm/
°C
PSRR
80
dB
Startup Time
0.1
ms
INTERNAL CLOCK FOR MODES, 0, 1, AND 2
Clock Frequency
8
10
12
MHz
EXTERNAL CLOCK FOR MODE 3
Clock Frequency
16
20
24
MHz
AC ACCURACY
Signal-to-Noise Ratio + Distortion
SINAD
VIN = ±250mVp-p at 5kHz
70
dB
Signal-to-Noise Ratio
SNR
VIN = ±250mVp-p at 5kHz
67
70.5
dB
Total Harmonic Distortion
THD
VIN = ±250mVp-p at 5kHz
–84
dB
Spurious Free Dynamic Range
SFDR
VIN = ±250mVp-p at 5kHz
84
dB
DIGITAL INPUT
Logic Family
TTL with Schmitt Trigger
High-Level Input Voltage
VIH
2.6
VDD + 0.3
V
Low-Level Input Voltage
VIL
–0.3
0.8
V
High-Level Input Current
IIH
VI = VDD
0.005
2.5
µA
Low-Level Input Current
IIL
VI = GND
–2.5
0.005
µA
Input Capacitance
CJ
5pF
DIGITAL OUTPUT
High-Level Digital Output
VOH
VDD = 4.5V, IO = –5mA
4.6
V
VDD = 4.5V, IO = –15mA
3.9
V
Low-Level Digital Output
VOL
VDD = 4.5V, IO = 5mA
0.4
V
VDD = 4.5V, IO = 15mA
1.1
V
Output Capacitance
CO
5pF
Load Capacitance
CL
30
pF
POWER SUPPLY
Supply Voltage
VDD
4.5
5
5.5
V
Operating Supply Current
ICC
Mode 0
8
9.5
mA
Mode 3
6
7.5
mA
Power Dissipation
VDD = 5V, Mode 0
40
47.5
mW
VDD = 5V, Mode 3
30
37.5
mW
OPERATING TEMPERATURE
–40
+85
°C
NOTES: (1) All typical values are at TA = +25°C. (2) Integral nonlinearity is defined as the maximum deviation of the line through the end points of the transfer
curve for VIN+ = –250mV to +250mV, expressed either as the number of LSBs or as a percent of measured input range (500mV). (3) Ensured by design. (4)
Maximum values, including temperature drift, are ensured over the full specified temperature range.


Số phần tương tự - ADS1202IPWT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1202IPWT BURR-BROWN-ADS1202IPWT Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202IPWT TI1-ADS1202IPWT Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWT TI-ADS1202IPWT Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWT TI-ADS1202IPWT Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWTG4 TI-ADS1202IPWTG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results

Mô tả tương tự - ADS1202IPWT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS574JH TI-ADS574JH Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com