công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1192 bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1192
Giải thích chi tiết về linh kiện  Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1192 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS1192 Datasheet HTML 7Page - Texas Instruments ADS1192 Datasheet HTML 8Page - Texas Instruments ADS1192 Datasheet HTML 9Page - Texas Instruments ADS1192 Datasheet HTML 10Page - Texas Instruments ADS1192 Datasheet HTML 11Page - Texas Instruments ADS1192 Datasheet HTML 12Page - Texas Instruments ADS1192 Datasheet HTML 13Page - Texas Instruments ADS1192 Datasheet HTML 14Page - Texas Instruments ADS1192 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
50
60
70
80
90
100
110
120
10
100
1k
Frequency (Hz)
Gain = 1
Gain = 2
Gain = 3
Gain = 4
Gain = 6
Gain = 8
Gain = 12
Data Rate = 8 kSPS, −0.5 dBFS
G007
60
70
80
90
100
110
10
100
1k
Frequency (Hz)
Gain = 1
Gain = 2
Gain = 3
Gain = 4
Gain = 6
Gain = 8
Gain = 12
Data Rate = 8 kSPS, −0.5 dBFS
G006
0
0.1
0.2
0
0.5
1
1.5
2
2.5
3
Input Signal (V)
G004
0
0.2
0.4
0.6
0.8
1
−40
−15
10
35
60
85
Temperature (°C)
G006
2.416
2.418
2.42
2.422
2.424
−40
−15
10
35
60
85
Temperature (°C)
G003
−135
−130
−125
−120
−115
−110
−105
−100
−95
10
100
1k
Frequency (Hz)
Gain = 1
Gain = 2
Gain = 3
Gain = 4
Gain = 6
Gain = 8
Gain = 12
Data Rate = 8 kSPS
AIN = AVDD − 0.3 V to AVSS + 0.3 V
G004
ADS1191
ADS1192
www.ti.com
SBAS566A – DECEMBER 2011 – REVISED SEPTEMBER 2012
TYPICAL CHARACTERISTICS
All plots at TA = +25°C, AVDD = 3 V, AVSS = 0 V, DVDD = 1.8 V, internal VREFP = 2.42 V, VREFN = AVSS,
external clock = 512 kHz, data rate = 500 SPS, and gain = 6, unless otherwise noted.
INTERNAL REFERENCE vs TEMPERATURE
CMRR vs FREQUENCY
Figure 2.
Figure 3.
LEAKAGE CURRENT vs INPUT VOLTAGE
LEAKAGE CURRENT vs TEMPERATURE
Figure 4.
Figure 5.
PSRR vs FREQUENCY
THD vs FREQUENCY
Figure 6.
Figure 7.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS1191 ADS1192


Số phần tương tự - ADS1192

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1192 TI1-ADS1192 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1192IPBS TI1-ADS1192IPBS Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1192IPBS TI1-ADS1192IPBS Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1192IPBSR TI1-ADS1192IPBSR Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1192IPBSR TI1-ADS1192IPBSR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results

Mô tả tương tự - ADS1192

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1191IRSMT TI1-ADS1191IRSMT Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1194 TI1-ADS1194_13 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ASD1194 TI-ASD1194 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI1-ADS1291_14 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com