công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1131IDR bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1131IDR
Giải thích chi tiết về linh kiện  18-Bit Analog-to-Digital Converter for Bridge Sensors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1131IDR bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADS1131IDR Datasheet HTML 1Page - Texas Instruments ADS1131IDR Datasheet HTML 2Page - Texas Instruments ADS1131IDR Datasheet HTML 3Page - Texas Instruments ADS1131IDR Datasheet HTML 4Page - Texas Instruments ADS1131IDR Datasheet HTML 5Page - Texas Instruments ADS1131IDR Datasheet HTML 6Page - Texas Instruments ADS1131IDR Datasheet HTML 7Page - Texas Instruments ADS1131IDR Datasheet HTML 8Page - Texas Instruments ADS1131IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DVDD
GND
GND
SPEED
CAP
CAP
AINP
AINN
DRDY/DOUT
SCLK
PDWN
AVDD
SW
GND
VREFP
VREFN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADS1131
www.ti.com
SBAS449C – JULY 2009 – REVISED OCTOBER 2013
PIN CONFIGURATION
D PACKAGE
SO-16
(TOP VIEW)
PIN DESCRIPTIONS
ANALOG/DIGITAL
NAME
TERMINAL
INPUT/OUTPUT
DESCRIPTION
DVDD
1
Digital
Digital power supply
GND
2
Supply
Ground for digital and analog supplies
GND
3
Supply
Ground for digital and analog supplies
Data rate select:
SPEED
DATA RATE
SPEED
4
Digital input
0
10SPS
1
80SPS
CAP
5
Analog
Gain amplifier bypass capacitor connection
CAP
6
Analog
Gain amplifier bypass capacitor connection
AINP
7
Analog input
Positive analog input
AINN
8
Analog input
Negative analog input
VREFN
9
Analog input
Negative reference input
VREFP
10
Analog input
Positive reference input
GND
11
Supply
Ground for digital and analog supplies
SW
12
Analog
Low-side power switch
AVDD
13
Supply
Analog power supply
PDWN
14
Digital input
Power-down: holding this pin low powers down the entire converter and resets the ADC.
Serial clock: clock out data on the rising edge. Also used to initiate Standby mode. See the Standby
SCLK
15
Digital input
Mode section for more details.
Dual-purpose output:
DRDY/DOUT
16
Digital output
Data ready: indicates valid data by going low.
Data output: outputs data, MSB first, on the first rising edge of SCLK.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS1131


Số phần tương tự - ADS1131IDR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1131IDR TI-ADS1131IDR Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131IDR TI1-ADS1131IDR Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
More results

Mô tả tương tự - ADS1131IDR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI-ADS1131 Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com