công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1131 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1131
Giải thích chi tiết về linh kiện  18-Bit Analog-to-Digital Converter for Bridge Sensors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1131 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS1131 Datasheet HTML 1Page - Texas Instruments ADS1131 Datasheet HTML 2Page - Texas Instruments ADS1131 Datasheet HTML 3Page - Texas Instruments ADS1131 Datasheet HTML 4Page - Texas Instruments ADS1131 Datasheet HTML 5Page - Texas Instruments ADS1131 Datasheet HTML 6Page - Texas Instruments ADS1131 Datasheet HTML 7Page - Texas Instruments ADS1131 Datasheet HTML 8Page - Texas Instruments ADS1131 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DS ADC
VREFP
VREFN
CAP
DVDD
GND
AINP
AINN
SCLK
SPEED
DRDY/DOUT
PDWN
AVDD
Internal
Oscillator
G=64
SW
CAP
ADS1131
www.ti.com
SBAS449C – JULY 2009 – REVISED OCTOBER 2013
18-Bit Analog-to-Digital Converter
for Bridge Sensors
Check for Samples: ADS1131
1
FEATURES
DESCRIPTION
The ADS1131 is a precision, 18-bit analog-to-digital
2
Complete Front-End for Bridge Sensors
converter
(ADC).
With
an
onboard,
low-noise
Available in an SO Package
amplifier, onboard oscillator, precision 18-bit delta-
Internal Amplifier, Gain of 64
sigma (
ΔΣ) ADC, and bridge power switch, the
ADS1131 provides a complete front-end solution for
Internal Oscillator
bridge sensor applications including weigh scales,
Low-Side Power Switch for Bridge Sensor
strain gauges, and load cells.
18-Bit Noise-Free Resolution
The low-noise amplifier has a gain of 64, supporting a
Selectable 10SPS or 80SPS Data Rates
full-scale differential input of ±39mV. The
ΔΣ ADC
Simultaneous 50Hz and 60Hz Rejection at
has 18-bit effective resolution and is comprised of a
10SPS
third-order modulator and fourth-order digital filter.
Two data rates are supported: 10SPS (with both
External Voltage Reference up to 5V for
50Hz and 60Hz rejection) and 80SPS. The ADS1131
Ratiometric Measurements
can be put into a low-power standby mode or shut off
Simple, Pin-Driven Control
completely in power-down mode.
Two-Wire Serial Digital Interface
The ADS1131 is controlled by dedicated pins; there
Supply Range: 3V to 5.3V
are no digital registers to program. Data are output
over an easily-isolated serial interface that connects
–40°C to +85°C Temperature Range
directly to the MSP430 and other microcontrollers.
APPLICATIONS
The ADS1131 is available in an SO-16 package and
is specified from –40°C to +85°C.
Weigh Scales
Strain Gauges
Load Cells
Industrial Process Control
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADS1131

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1131 TI-ADS1131 Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI-ADS1131ID Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI-ADS1131ID Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI1-ADS1131ID Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
More results

Mô tả tương tự - ADS1131

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI-ADS1131 Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com