công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC122S051CIMMX bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện ADC122S051CIMMX
Giải thích chi tiết về linh kiện  ADC122S051/ADC122S051Q 2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S051CIMMX bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADC122S051CIMMX Datasheet HTML 1Page - Texas Instruments ADC122S051CIMMX Datasheet HTML 2Page - Texas Instruments ADC122S051CIMMX Datasheet HTML 3Page - Texas Instruments ADC122S051CIMMX Datasheet HTML 4Page - Texas Instruments ADC122S051CIMMX Datasheet HTML 5Page - Texas Instruments ADC122S051CIMMX Datasheet HTML 6Page - Texas Instruments ADC122S051CIMMX Datasheet HTML 7Page - Texas Instruments ADC122S051CIMMX Datasheet HTML 8Page - Texas Instruments ADC122S051CIMMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
GND
1
2
3
4
5
6
7
8
CS
SCLK
DOUT
DIN
IN1
VA
ADC122S051
IN2
ADC122S051
www.ti.com
SNAS257E – NOVEMBER 2004 – REVISED MARCH 2013
ADC122S051/ADC122S051Q 2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
Check for Samples: ADC122S051
1
FEATURES
DESCRIPTION
The ADC122S051/ADC122S051Q is a low-power,
2
Specified Over a Range of Sample Rates.
two-channel CMOS 12-bit analog-to-digital converter
Two Input Channels
with
a
high-speed
serial
interface.
Unlike
the
Variable Power Management
conventional practice of specifying performance at a
single
sample
rate
only,
the
Single Power Supply with 2.7V - 5.25V Range
ADC122S051/ADC122S051Q is fully specified over a
Tested per AEC-Q100 and Qualified for
sample rate range of 200 ksps to 500 ksps. The
Automotive Applications
converter is based on a successive-approximation
Meets AEC-Q100-011 C2 CDM Classification
register architecture with an internal track-and-hold
circuit. It can be configured to accept one or two input
signals at inputs IN1 and IN2.
APPLICATIONS
Portable Systems
The output serial data is straight binary, and is
compatible with several standards, such as SPI™,
Remote Data Acquisition
QSPI™, MICROWIRE, and many common DSP
Instrumentation and Control Systems
serial interfaces.
The ADC122S051/ADC122S051Q operates with a
KEY SPECIFICATIONS
single supply that can range from +2.7V to +5.25V.
DNL: +0.7 /
−0.4 LSB (typ)
Normal power consumption using a +3V or +5V
supply is 3.0 mW and 10 mW, respectively. The
INL: ± 0.50 LSB (typ)
power-down feature reduces the power consumption
SNR: 72.5 dB (typ)
to just 0.14 µW using a +3V supply, or 0.32 µW using
Power Consumption:
a +5V supply.
3V Supply: 3.0 mW (typ)
The ADC122S051/ADC122S051Q is packaged in an
5V Supply: 10 mW (typ)
8-lead VSSOP package. Operation over the industrial
temperature range of
−40°C to +85°C is specified.
Table 1. Pin-Compatible Alternatives by Resolution and Speed(1)
Resolution
Specified for Sample Rate Range of:
50 to 200 ksps
200 to 500 ksps
500 ksps to 1 Msps
12-bit
ADC122S021
ADC122S051
ADC122S101
10-bit
ADC102S021
ADC102S051
ADC102S101
8-bit
ADC082S021
ADC082S051
ADC082S101
(1)
All devices are fully pin and function compatible.
Connection Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADC122S051CIMMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC122S051CIMMX NSC-ADC122S051CIMMX Datasheet
930Kb / 19P
   2 Channel, 500 kSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S051CIMMX/NOPB TI1-ADC122S051CIMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
More results

Mô tả tương tự - ADC122S051CIMMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC124S051 TI1-ADC124S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S051 4 Channel, 200 ksps to 500 ksps, 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com