công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC122S051CIMMX bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện ADC122S051CIMMX
Giải thích chi tiết về linh kiện  ADC122S051/ADC122S051Q 2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S051CIMMX bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADC122S051CIMMX Datasheet HTML 1Page - Texas Instruments ADC122S051CIMMX Datasheet HTML 2Page - Texas Instruments ADC122S051CIMMX Datasheet HTML 3Page - Texas Instruments ADC122S051CIMMX Datasheet HTML 4Page - Texas Instruments ADC122S051CIMMX Datasheet HTML 5Page - Texas Instruments ADC122S051CIMMX Datasheet HTML 6Page - Texas Instruments ADC122S051CIMMX Datasheet HTML 7Page - Texas Instruments ADC122S051CIMMX Datasheet HTML 8Page - Texas Instruments ADC122S051CIMMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADC122S051
www.ti.com
SNAS257E – NOVEMBER 2004 – REVISED MARCH 2013
ADC122S051/ADC122S051Q Converter Electrical Characteristics
(1)(2) (continued)
The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, fSCLK = 3.2 MHz to 8 MHz, fSAMPLE = 200 ksps to 500
ksps, CL = 35 pF unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Limits
Symbol
Parameter
Conditions
Typical
Units
(3)
IOZH, IOZL TRI-STATE Leakage Current
0.005
±1
µA (max)
COUT
TRI-STATE Output Capacitance
2
4
pF (max)
Output Coding
Straight (Natural) Binary
POWER SUPPLY CHARACTERISTICS (CL = 10 pF)
2.7
V (min)
VA
Analog Supply Voltage
5.25
V (max)
VA = +5.25V,
1.9
2.4
mA (max)
fSAMPLE = 500 ksps, fIN = 40 kHz
Supply Current, Normal Mode
(Operational, CS low)
VA = +3.6V,
0.84
1.2
mA (max)
fSAMPLE = 500 ksps, fIN = 40 kHz
IA
VA = +5.25V,
60
nA
fSAMPLE = 0 ksps
Supply Current, Shutdown (CS high)
VA = +3.6V,
38
nA
fSAMPLE = 0 ksps
VA = +5.25V
10
12.6
mW (max)
Power Consumption, Normal Mode
(Operational, CS low)
VA = +3.6V
3.0
4.3
mW (max)
PD
VA = +5.25V
0.32
µW
Power Consumption, Shutdown (CS
high)
VA = +3.6V
0.14
µW
AC ELECTRICAL CHARACTERISTICS
3.2
MHz (min)
fSCLK
Maximum Clock Frequency
See (4)
8
MHz (max)
200
ksps (min)
fS
Sample Rate
See (4)
500
ksps (max)
tCONV
Conversion Time
13
SCLK cycles
30
% (min)
DC
SCLK Duty Cycle
fSCLK = 8 MHz
50
70
% (max)
tACQ
Track/Hold Acquisition Time
Full-Scale Step Input
3
SCLK cycles
Throughput Time
Acquisition Time + Conversion Time
16
SCLK cycles
(4)
This is the frequency range over which the electrical performance is specified. The device is functional over a wider range which is
specified under Operating Ratings.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC122S051


Số phần tương tự - ADC122S051CIMMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC122S051CIMMX NSC-ADC122S051CIMMX Datasheet
930Kb / 19P
   2 Channel, 500 kSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S051CIMMX/NOPB TI1-ADC122S051CIMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
More results

Mô tả tương tự - ADC122S051CIMMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC124S051 TI1-ADC124S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S051 4 Channel, 200 ksps to 500 ksps, 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com