công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC122S021 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC122S021
Giải thích chi tiết về linh kiện  ADC122S021 2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S021 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ADC122S021 Datasheet HTML 4Page - Texas Instruments ADC122S021 Datasheet HTML 5Page - Texas Instruments ADC122S021 Datasheet HTML 6Page - Texas Instruments ADC122S021 Datasheet HTML 7Page - Texas Instruments ADC122S021 Datasheet HTML 8Page - Texas Instruments ADC122S021 Datasheet HTML 9Page - Texas Instruments ADC122S021 Datasheet HTML 10Page - Texas Instruments ADC122S021 Datasheet HTML 11Page - Texas Instruments ADC122S021 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
2
1
f
2
6
f
2
2
f
10
A
A
+
+
A
log
20
=
THD
ADC122S021
SNAS280D – MARCH 2005 – REVISED MARCH 2013
www.ti.com
LSB), after adjusting for offset error.
INTEGRAL NON-LINEARITY (INL) is a measure of the deviation of each individual code from a line drawn from
negative full scale (½ LSB below the first code transition) through positive full scale (½ LSB above the last
code transition). The deviation of any given code from this straight line is measured from the center of that
code value.
INTERMODULATION DISTORTION (IMD) is the creation of additional spectral components as a result of two
sinusoidal frequencies being applied to the ADC input at the same time. It is defined as the ratio of the
power in the second and third order intermodulation products to the sum of the power in both of the
original frequencies. IMD is usually expressed in dB.
MISSING CODES are those output codes that will never appear at the ADC outputs. These codes cannot be
reached with any input value. The ADC122S021 is ensured not to have any missing codes.
OFFSET ERROR is the deviation of the first code transition (000...000) to (000...001) from the ideal (i.e. GND +
0.5 LSB).
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in dB, of the rms value of the input signal at the
converter output to the rms value of the sum of all other spectral components below one-half the sampling
frequency, not including d.c. or harmonics included in the THD specification.
SIGNAL TO NOISE PLUS DISTORTION (S/N+D or SINAD) Is the ratio, expressed in dB, of the rms value of
the input signal to the rms value of all of the other spectral components below half the clock frequency,
including harmonics but excluding d.c.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the difference, expressed in dB, between the desired signal
amplitude to the amplitude of the peak spurious spectral component, where a spurious spectral
component is any signal present in the output spectrum that is not present at the input and may or may
not be a harmonic.
TOTAL HARMONIC DISTORTION (THD) is the ratio, expressed in dB or dBc, of the rms total of the first five
harmonic components at the output to the rms level of the input signal frequency as seen at the output.
THD is calculated as
where
Af1 is the RMS power of the input frequency at the output
Af2 through Af6 are the RMS power in the first 5 harmonic frequencies
Accurate THD measurement requires a spectrally pure sine wave (monotone) at the ADC input
(2)
THROUGHPUT TIME is the minimum time required between the start of two successive conversion. It is the
acquisition time plus the conversion time. In the case of the ADC122S021, this is 16 SCLK periods.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC122S021


Số phần tương tự - ADC122S021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC122S021 NSC-ADC122S021 Datasheet
941Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
ADC122S021 NSC-ADC122S021 Datasheet
905Kb / 19P
   2 Channel, 200 KSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S021 TI-ADC122S021 Datasheet
1Mb / 25P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC122S021 TI1-ADC122S021 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC122S021 TI1-ADC122S021 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
More results

Mô tả tương tự - ADC122S021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S021 4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC102S021 TI1-ADC102S021_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com