công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC122S625CIMMX bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện ADC122S625CIMMX
Giải thích chi tiết về linh kiện  ADC122S625 Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S625CIMMX bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADC122S625CIMMX Datasheet HTML 1Page - Texas Instruments ADC122S625CIMMX Datasheet HTML 2Page - Texas Instruments ADC122S625CIMMX Datasheet HTML 3Page - Texas Instruments ADC122S625CIMMX Datasheet HTML 4Page - Texas Instruments ADC122S625CIMMX Datasheet HTML 5Page - Texas Instruments ADC122S625CIMMX Datasheet HTML 6Page - Texas Instruments ADC122S625CIMMX Datasheet HTML 7Page - Texas Instruments ADC122S625CIMMX Datasheet HTML 8Page - Texas Instruments ADC122S625CIMMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADC122S625
SNAS451A – FEBRUARY 2008 – REVISED MARCH 2013
www.ti.com
ADC122S625 Converter Electrical Characteristics
(1)
The following specifications apply for VA = +4.5V to 5.5V, VREF = 2.5V, fSCLK = 1.6 to 6.4 MHz, fIN = 20 kHz, CL = 25 pF,
unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX; all other limits are at TA = 25°C.
Symbol
Parameter
Conditions
Typical
Limits
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits
Integral Non-Linearity
±0.5
±1
LSB (max)
INL
Integral Non-Linearity Matching
0.02
LSB
Differential Non-Linearity
±0.4
±0.95
LSB (max)
DNL
Differential Non-Linearity Matching
0.02
LSB
Offset Error
0.2
±3
LSB (max)
OE
Offset Error Matching
0.1
LSB
Positive Gain Error
−2
±5
LSB (max)
Positive Gain Error Matching
0.2
LSB
GE
Negative Gain Error
3
±8
LSB (max)
Negative Gain Error Matching
0.2
LSB
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-Noise Plus Distortion Ratio
fIN = 20 kHz, −0.1 dBFS
72.5
69.5
dBc (min)
SNR
Signal-to-Noise Ratio
fIN = 20 kHz, −0.1 dBFS
73.2
71
dBc (min)
THD
Total Harmonic Distortion
fIN = 20 kHz, −0.1 dBFS
−83
−72
dBc (max)
SFDR
Spurious-Free Dynamic Range
fIN = 20 kHz, −0.1 dBFS
84
72
dBc (min)
ENOB
Effective Number of Bits
fIN = 20 kHz, −0.1 dBFS
11.8
11.25
bits (min)
Differential Input
26
MHz
Output at 70.7%FS with
FPBW
−3 dB Full Power Bandwidth
FS Input
Single-Ended Input
22
MHz
ISOL
Channel-to-Channel Isolation
fIN < 1 MHz
−90
dBc
ANALOG INPUT CHARACTERISTICS
−VREF
V (min)
VIN
Differential Input Range
+VREF
V (max)
IDCL
DC Leakage Current
VIN = VREF or VIN = -VREF
±1
µA (max)
In Track Mode
20
pF
CINA
Input Capacitance
In Hold Mode
3
pF
See the Specification Definitions for the test
CMRR
Common Mode Rejection Ratio
−90
dB
condition
1.0
V (min)
VREF
Reference Voltage Range
VA
V (max)
DIGITAL INPUT CHARACTERISTICS
VIH
Input High Voltage
2.4
V (min)
VIL
Input Low Voltage
0.8
V (max)
IIN
Input Current
VIN = 0V or VA
±1
µA (max)
CIND
Input Capacitance
2
4
pF (max)
DIGITAL OUTPUT CHARACTERISTICS
ISOURCE = 200 µA
VA − 0.02
VA − 0.2
V (min)
VOH
Output High Voltage
ISOURCE = 1 mA
VA − 0.09
V
ISINK = 200 µA
0.01
0.4
V (max)
VOL
Output Low Voltage
ISINK = 1 mA
0.08
V
IOZH, IOZL TRI-STATE Leakage Current
Force 0V or VA
±1
µA (max)
COUT
TRI-STATE Output Capacitance
Force 0V or VA
2
4
pF (max)
Output Coding
Binary 2'S Complement
(1)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC122S625


Số phần tương tự - ADC122S625CIMMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC122S625CIMMX NSC-ADC122S625CIMMX Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S625CIMMX/NOPB TI1-ADC122S625CIMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
More results

Mô tả tương tự - ADC122S625CIMMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC122S625 TI1-ADC122S625_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S655 TI1-ADC122S655_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S655 NSC-ADC122S655 Datasheet
498Kb / 20P
   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S655 TI1-ADC122S655_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S655 Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC121S625 NSC-ADC121S625 Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Texas Instruments
ADC121S625 TI1-ADC121S625_15 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com