công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC122S051CIMM bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện ADC122S051CIMM
Giải thích chi tiết về linh kiện  ADC122S051/ADC122S051Q 2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S051CIMM bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADC122S051CIMM Datasheet HTML 2Page - Texas Instruments ADC122S051CIMM Datasheet HTML 3Page - Texas Instruments ADC122S051CIMM Datasheet HTML 4Page - Texas Instruments ADC122S051CIMM Datasheet HTML 5Page - Texas Instruments ADC122S051CIMM Datasheet HTML 6Page - Texas Instruments ADC122S051CIMM Datasheet HTML 7Page - Texas Instruments ADC122S051CIMM Datasheet HTML 8Page - Texas Instruments ADC122S051CIMM Datasheet HTML 9Page - Texas Instruments ADC122S051CIMM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
Track
Hold
Power Up
Track
Hold
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
9
10
DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB11 DB10
DB9
DB8
DB7
DIN
DOUT
Power Up
SCLK
CS
Power Down
Control register
Control register
ADC122S051
SNAS257E – NOVEMBER 2004 – REVISED MARCH 2013
www.ti.com
ADC122S051/ADC122S051Q Timing Specifications
(1)
The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, fSCLK = 3.2 MHz to 8 MHz, fSAMPLE = 200 ksps to 500
ksps, CL = 35 pF, Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Limits
Symbol
Parameter
Conditions
Typical
Units
(2)
VA = +3.0V
−3.5
tCSU
Setup Time SCLK High to CS Falling Edge
See (3)
10
ns (min)
VA = +5.0V
−0.5
VA = +3.0V
+4.5
tCLH
Hold time SCLK Low to CS Falling Edge
See (3)
10
ns (min)
VA = +5.0V
+1.5
VA = +3.0V
+4
tEN
Delay from CS Until DOUT active
30
ns (max)
VA = +5.0V
+2
VA = +3.0V
+14.5
tACC
Data Access Time after SCLK Falling Edge
30
ns (max)
VA = +5.0V
+13
tSU
Data Setup Time Prior to SCLK Rising Edge
+3
10
ns (min)
tH
Data Valid SCLK Hold Time
+3
10
ns (min)
0.3 x
tCH
SCLK High Pulse Width
0.5 x tSCLK
ns (min)
tSCLK
0.3 x
tCL
SCLK Low Pulse Width
0.5 x tSCLK
ns (min)
tSCLK
VA = +3.0V
1.8
Output Falling
VA = +5.0V
1.3
tDIS
CS Rising Edge to DOUT High-Impedance
20
ns (max)
VA = +3.0V
1.0
Output Rising
VA = +5.0V
1.0
(1)
PPAP (Production Part Approval Process) documentation of the device technology, process and qualification is available from Texas
Instruments upon request.
(2)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
(3)
Clock may be either high or low when CS is asserted as long as setup and hold times tCSU and tCLH are strictly observed.
Timing Diagrams
Figure 1. Operational Timing Diagram
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: ADC122S051


Số phần tương tự - ADC122S051CIMM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC122S051CIMM NSC-ADC122S051CIMM Datasheet
930Kb / 19P
   2 Channel, 500 kSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S051CIMM/NOPB TI1-ADC122S051CIMM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC122S051CIMMX NSC-ADC122S051CIMMX Datasheet
930Kb / 19P
   2 Channel, 500 kSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S051CIMMX/NOPB TI1-ADC122S051CIMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
More results

Mô tả tương tự - ADC122S051CIMM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC124S051 TI1-ADC124S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S051 4 Channel, 200 ksps to 500 ksps, 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com