công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC122S625CIMM bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện ADC122S625CIMM
Giải thích chi tiết về linh kiện  ADC122S625 Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S625CIMM bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADC122S625CIMM Datasheet HTML 3Page - Texas Instruments ADC122S625CIMM Datasheet HTML 4Page - Texas Instruments ADC122S625CIMM Datasheet HTML 5Page - Texas Instruments ADC122S625CIMM Datasheet HTML 6Page - Texas Instruments ADC122S625CIMM Datasheet HTML 7Page - Texas Instruments ADC122S625CIMM Datasheet HTML 8Page - Texas Instruments ADC122S625CIMM Datasheet HTML 9Page - Texas Instruments ADC122S625CIMM Datasheet HTML 10Page - Texas Instruments ADC122S625CIMM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
DOUT
CS
VIH
tDIS
90%
10%
90%
10%
DOUT
90%
10%
SCLK
CS
tCSSU
1
2
ADC122S625
www.ti.com
SNAS451A – FEBRUARY 2008 – REVISED MARCH 2013
Figure 5. Valid CS Assertion Times
Figure 6. Voltage Waveform for tDIS
Specification Definitions
APERTURE DELAY is the time between the fourth falling edge of SCLK and the time when the input signal is
acquired or held for conversion.
COMMON MODE REJECTION RATIO (CMRR) is a measure of how well in-phase signals common to both input
pins are rejected.
To calculate CMRR, the change in output offset is measured while the common mode input voltage is changed
from 2V to 3V.
CMRR = 20 LOG (
Δ Output Offset / Δ Common Input)
(1)
CONVERSION TIME is the time required, after the input voltage is acquired, for the ADC to convert the input
voltage to a digital word.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of the maximum deviation from the ideal step size of 1
LSB.
DUTY CYCLE is the ratio of the time that a repetitive digital waveform is high to the total time of one period. The
specification here refers to the SCLK.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE BITS) is another method of specifying Signal-to-Noise
and Distortion or SINAD. ENOB is defined as (SINAD
− 1.76) / 6.02 and says that the converter is equivalent to
a perfect ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH is a measure of the frequency at which the reconstructed output fundamental
drops 3 dB below its low frequency value for a full scale input.
INTEGRAL NON-LINEARITY (INL) is a measure of the deviation of each individual code from a line drawn from
negative full scale (½ LSB below the first code transition) through positive full scale (½ LSB above the last code
transition). The deviation of any given code from this straight line is measured from the center of that code value.
MISSING CODES are those output codes that will never appear at the ADC outputs. The ADC122S625 is
specified not to have any missing codes.
NEGATIVE FULL-SCALE ERROR is the difference between the differential input voltage at which the output
code transitions from negative full scale to the next code and
−VREF + 0.5 LSB.
NEGATIVE GAIN ERROR is the difference between the negative full-scale error and the offset error.
OFFSET ERROR is the difference between the differential input voltage at which the output code transitions from
code 000h to 001h and 1/2 LSB.
POSITIVE FULL-SCALE ERROR is the difference between the differential input voltage at which the output
code transitions to positive full scale and VREF minus 1.5 LSB.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC122S625


Số phần tương tự - ADC122S625CIMM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC122S625CIMM NSC-ADC122S625CIMM Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S625CIMM/NOPB TI1-ADC122S625CIMM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625CIMMX NSC-ADC122S625CIMMX Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S625CIMMX/NOPB TI1-ADC122S625CIMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
More results

Mô tả tương tự - ADC122S625CIMM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC122S625 TI1-ADC122S625_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S655 TI1-ADC122S655_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S655 NSC-ADC122S655 Datasheet
498Kb / 20P
   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S655 TI1-ADC122S655_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S655 Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC121S625 NSC-ADC121S625 Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Texas Instruments
ADC121S625 TI1-ADC121S625_15 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com