công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC124S101 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện ADC124S101
Giải thích chi tiết về linh kiện  ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC124S101 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADC124S101_14 Datasheet HTML 1Page - Texas Instruments ADC124S101_14 Datasheet HTML 2Page - Texas Instruments ADC124S101_14 Datasheet HTML 3Page - Texas Instruments ADC124S101_14 Datasheet HTML 4Page - Texas Instruments ADC124S101_14 Datasheet HTML 5Page - Texas Instruments ADC124S101_14 Datasheet HTML 6Page - Texas Instruments ADC124S101_14 Datasheet HTML 7Page - Texas Instruments ADC124S101_14 Datasheet HTML 8Page - Texas Instruments ADC124S101_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADC124S101
www.ti.com
SNAS283D – MARCH 2005 – REVISED MARCH 2013
ADC124S101 Converter Electrical Characteristics
(1) (continued)
The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, fSCLK = 8 to 16 MHz, fSAMPLE = 500 ksps to 1 Msps,
CL = 35 pF, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Symbol
Parameter
Conditions
Typical
Limits(2)
Units
COUT
TRI-STATE Output Capacitance
2
4
pF (max)
Output Coding
Straight (Natural) Binary
POWER SUPPLY CHARACTERISTICS (CL = 10 pF)
2.7
V (min)
VA
Supply Voltage
5.25
V (max)
VA = +5.25V,
2.5
3.0
mA (max)
fSAMPLE = 1 Msps, fIN = 40 kHz
Supply Current, Normal Mode
(Operational, CS low)
VA = +3.6V,
1.2
1.6
mA (max)
fSAMPLE = 1 Msps, fIN = 40 kHz
IA
VA = +5.25V,
60
nA
fSAMPLE = 0 ksps
Supply Current, Shutdown (CS high)
VA = +3.6V,
38
nA
fSAMPLE = 0 ksps
VA = +5.25V
13.1
15.8
mW (max)
Power Consumption, Normal Mode
(Operational, CS low)
VA = +3.6V
4.3
5.8
mW (max)
PD
VA = +5.25V
0.32
µW
Power Consumption, Shutdown (CS
high)
VA = +3.6V
0.14
µW
AC ELECTRICAL CHARACTERISTICS
8
MHz (min)
fSCLK
Maximum Clock Frequency
See(3)
16
MHz (max)
500
ksps (min)
fS
Sample Rate
See(3)
1
Msps (max)
tCONV
Conversion Time
13
SCLK cycles
30
% (min)
DC
SCLK Duty Cycle
fSCLK = 16 MHz
50
70
% (max)
tACQ
Track/Hold Acquisition Time
Full-Scale Step Input
3
SCLK cycles
Throughput Time
Acquisition Time + Conversion Time
16
SCLK cycles
(3)
This is the frequency range over which the electrical performance is specified. The device is functional over a wider range which is
specified under Operating Ratings.
ADC124S101 Timing Specifications
The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, fSCLK = 8 MHz to 16 MHz, fSAMPLE = 500 ksps to
1 Msps, CL = 35 pF, Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Symbol
Parameter
Conditions
Typical
Limits(1)
Units
VA = +3.0V
−3.5
tCSU
Setup Time SCLK High to CS Falling Edge
See(2)
10
ns (min)
VA = +5.0V
−0.5
VA = +3.0V
+4.5
tCLH
Hold time SCLK Low to CS Falling Edge
See(2)
10
ns (min)
VA = +5.0V
+1.5
VA = +3.0V
+4
tEN
Delay from CS Until DOUT active
30
ns (max)
VA = +5.0V
+2
VA = +3.0V
+14.5
tACC
Data Access Time after SCLK Falling Edge
30
ns (max)
VA = +5.0V
+13
tSU
Data Setup Time Prior to SCLK Rising Edge
+3
10
ns (min)
tH
Data Valid SCLK Hold Time
+3
10
ns (min)
tCH
SCLK High Pulse Width
0.5 x tSCLK 0.3 x tSCLK
ns (min)
(1)
Tested limits are specified to AOQL (Average Outgoing Quality Level).
(2)
Clock may be either high or low when CS is asserted as long as setup and hold times tCSU and tCLH are strictly observed.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC124S101


Số phần tương tự - ADC124S101_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC124S101CIMM TI-ADC124S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC124S101CIMM TI1-ADC124S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit A/D Converter
ADC124S101CIMM/NOPB TI1-ADC124S101CIMM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit A/D Converter
ADC124S101CIMMX TI-ADC124S101CIMMX Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC124S101CIMMX/NOPB TI1-ADC124S101CIMMX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit A/D Converter
More results

Mô tả tương tự - ADC124S101_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC124S101CIMMX TI-ADC124S101CIMMX Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
ADC122S101 TI1-ADC122S101_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S101 TI1-ADC104S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC084S101CIMM TI1-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC084S101 TI1-ADC084S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC084S101CIMM TI-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com