công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS804U bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện ADS804U
Giải thích chi tiết về linh kiện  12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS804U bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADS804U Datasheet HTML 5Page - Texas Instruments ADS804U Datasheet HTML 6Page - Texas Instruments ADS804U Datasheet HTML 7Page - Texas Instruments ADS804U Datasheet HTML 8Page - Texas Instruments ADS804U Datasheet HTML 9Page - Texas Instruments ADS804U Datasheet HTML 10Page - Texas Instruments ADS804U Datasheet HTML 11Page - Texas Instruments ADS804U Datasheet HTML 12Page - Texas Instruments ADS804U Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ADS804
9
SBAS068B
www.ti.com
DC voltage differences between the IN and IN inputs of the
ADS804 effectively will produce an offset, which can be
corrected for by adjusting the values of resistors R1 and R2.
The bias current of the op amp may also result in an
undesired offset. The selection criteria of the appropriate op
amp should include the input bias current, output voltage
swing, distortion, and noise specification. Note that in this
example the overall signal phase is inverted. To re-establish
the original signal polarity it is always possible to interchange
the IN and IN connections.
SINGLE-ENDED-TO-DIFFERENTIAL
CONFIGURATION (TRANSFORMER COUPLED)
In order to select the best suited interface circuit for the
ADS804, the performance requirements must be known. If
an ac-coupled input is needed for a particular application, the
next step is to determine the method of applying the signal;
either single-ended or differentially. The differential input
configuration may provide a noticeable advantage of achiev-
ing good SFDR performance based on the fact that in the
differential mode, the signal swing can be reduced to half of
the swing required for single-ended drive. Secondly, by
driving the ADS804 differentially, the even-order harmonics
will be reduced. Figure 3 shows the schematic for the
suggested transformer-coupled interface circuit. The resistor
across the secondary side (RT) should be set to get an input
impedance match (e.g., RT = n2 • RG).
REFERENCE OPERATION
Integrated into the ADS804 is a bandgap reference circuit
including logic that provides either a +1V or +2.5V reference
output, by simply selecting the corresponding pin-strap con-
figuration. Different reference voltages can be generated by
the use of two external resistors, which will set a different
FIGURE 2. DC-Coupled, Single-Ended Input Configuration with DC-Level Shift.
gain for the internal reference buffer. For more design flexibil-
ity, the internal reference can be shut off and an external
reference voltage used. Table I provides an overview of the
possible reference options and pin configurations.
FIGURE 3. Transformer-Coupled Input.
V
IN
IN
IN
CM
22
22
100pF
R
T
100pF
+
4.7µF
0.1µF
ADS804
1:n
0.1µF
R
G
INPUT
FULL-SCALE
REQUIRED
MODE
RANGE
VREF
CONNECT
TO
Internal
2Vp-p
+1V
SEL
VREF
Internal
5Vp-p
+2.5V
SEL
GND
Internal
2V
≤ FSR < 5V
1V < VREF < 2.5V
R1
VREF and SEL
FSR = 2 • VREF
VREF = 1 + (R1/R2)R2
SEL and Gnd
External
1V < FSR < 5V
0.5V < VREF < 2.5V
SEL
+VS
VREF
Ext. VREF
TABLE I. Selected Reference Configuration Examples.
V
IN
2Vp-p
0
+1V
–1V
R
F
R
IN
NOTE: R
F = RIN, G = –1
+V
S
ADS804
R
S
24.9
2k
100pF
10
µF
+
+2.5V
R
2
R
1
2k
IN
IN
REFB
(+1V)
V
REF
SEL
REFT
0.1
µF
0.1
µF
OPA691
+V
S


Số phần tương tự - ADS804U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS804U BURR-BROWN-ADS804U Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804U TI1-ADS804U Datasheet
811Kb / 17P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS804U/1K TI1-ADS804U/1K Datasheet
811Kb / 17P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS804U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADC603 BURR-BROWN-ADC603 Datasheet
798Kb / 18P
   12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS802 BURR-BROWN-ADS802 Datasheet
346Kb / 17P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 BURR-BROWN-ADS804 Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com