công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS804EG4 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện ADS804EG4
Giải thích chi tiết về linh kiện  12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS804EG4 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS804EG4 Datasheet HTML 1Page - Texas Instruments ADS804EG4 Datasheet HTML 2Page - Texas Instruments ADS804EG4 Datasheet HTML 3Page - Texas Instruments ADS804EG4 Datasheet HTML 4Page - Texas Instruments ADS804EG4 Datasheet HTML 5Page - Texas Instruments ADS804EG4 Datasheet HTML 6Page - Texas Instruments ADS804EG4 Datasheet HTML 7Page - Texas Instruments ADS804EG4 Datasheet HTML 8Page - Texas Instruments ADS804EG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ADS804
2
SBAS068B
www.ti.com
+VS, VDRV ........................................................................................... +6V
Analog Input .......................................................... (–0.3V) to (+VS + 0.3V)
Logic Input ............................................................ (–0.3V) to (+VS + 0.3V)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +150
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
ADS804E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
12
Bits
SPECIFIED TEMPERATURE RANGE
–40 to +85
°C
CONVERSION CHARACTERISTICS
Sample Rate
10k
10M
Samples/s
Data Latency
6
Clk Cycles
ANALOG INPUT
Single-Ended Input Range
1.5
3.5
V
Single-Ended Input Range (Optional)
0
5
V
Common-Mode Voltage
+2.5
V
Input Impedance
1.25 || 16
M
Ω || pF
Track-Mode Input Bandwidth
–3dBFS Input
270
MHz
DYNAMIC CHARACTERISTICS
Differential Linearity Error (Largest Code Error)
f = 500kHz
±0.3
±0.75
LSB
No Missing Codes
Tested
Spurious-Free Dynamic Range(1)
f = 4.8MHz
73
80
dBFS
2-Tone Intermodulation Distortion(3)
f = 3.5MHz and 4.0MHz (–7dBFS each tone)
76
dBc
Signal-to-Noise Ratio (SNR)
f = 4.8MHz
66.5
69
dBFS
Signal-to-(Noise + Distortion) (SINAD)
f = 4.8MHz
65
68
dBFS
Effective Number of Bits at 4.8MHz(4)
11
Bits
Input Referred Noise
0V to 5V Input
0.09
LSBs rms
1.5V to 3.5V Input
0.23
LSBs rms
Integral Nonlinearity Error
f = 500kHz
±1
±2
LSB
Aperture Delay Time
1ns
Aperture Jitter
4
ps rms
Over-Voltage Recovery Time
1.5 • FS Input
2
ns
Full-Scale Step Acquisition Time
30
ns
ELECTRICAL CHARACTERISTICS
At TA = full specified temperature range, VS = +5V, specified input range = 1.5V to 3.5V, single-ended input, and sampling rate = 5MHz, unless otherwise specified.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS804
SSOP-28
DB
–40
°C to +85°C
ADS804E
ADS804E
Rails, 48
""
"
"
"
ADS804E/1K
Tape and Reel, 1000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PACKAGE/ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.


Số phần tương tự - ADS804EG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS804EG4 TI1-ADS804EG4 Datasheet
811Kb / 17P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS804EG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADC603 BURR-BROWN-ADC603 Datasheet
798Kb / 18P
   12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS802 BURR-BROWN-ADS802 Datasheet
346Kb / 17P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 BURR-BROWN-ADS804 Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com