công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS805U bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện ADS805U
Giải thích chi tiết về linh kiện  12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS805U bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS805U Datasheet HTML 1Page - Texas Instruments ADS805U Datasheet HTML 2Page - Texas Instruments ADS805U Datasheet HTML 3Page - Texas Instruments ADS805U Datasheet HTML 4Page - Texas Instruments ADS805U Datasheet HTML 5Page - Texas Instruments ADS805U Datasheet HTML 6Page - Texas Instruments ADS805U Datasheet HTML 7Page - Texas Instruments ADS805U Datasheet HTML 8Page - Texas Instruments ADS805U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADS805
3
SBAS073B
www.ti.com
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, VS = +5V, specified input range = 1.5V to 3.5V, and single-ended input and sampling rate = 20MHz, unless otherwise specified.
ADS805E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS
Logic Family
CMOS Compatible
Convert Command
Start Conversion
Rising Edge of Convert Clock
High Level Input Current (VIN = 5V)(5)
±100
µA
Low Level Input Current (VIN = 0V)
10
µA
High Level Input Voltage
+3.5
V
Low Level Input Voltage
+1.0
V
Input Capacitance
5pF
DIGITAL OUTPUTS
Logic Family
CMOS/TTL Compatible
Logic Coding
Straight Offset Binary
Low Output Voltage
(IOL = 50µA)
0.1
V
Low Output Voltage
(IOL = 1.6mA)
0.4
V
High Output Voltage
(IOH = 50µA)
+4.5
V
High Output Voltage
(IOH = 0.5mA)
+2.4
V
3-State Enable Time
OE = L
20
40
ns
3-State Disable Time
OE = H
2
10
ns
Output Capacitance
5pF
ACCURACY (5Vp-p Input Range)
fS = 2.5MHz
Zero-Error (Referred to –FS)
At 25
°C
0.3
±1.5
%FS
Zero-Error Drift (Referred to –FS)
±5
ppm/
°C
Gain Error(6)
At 25
°C
0.7
±2.0
%FS
Gain Error Drift(6)
±18
ppm/
°C
Gain Error(7)
At 25
°C
0.2
±1.5
%FS
Gain Error Drift(7)
±10
ppm/
°C
Power-Supply Rejection of Gain
∆V
S = ±5%
60
70
dB
Reference Input Resistance
1.6
k
Internal Voltage Reference Tolerance (VREF = 2.5V)
At 25
°C
±35
mV
Internal Voltage Reference Tolerance (VREF = 1.0V)
At 25
°C
±14
mV
POWER-SUPPLY REQUIREMENTS
Supply Voltage: +VS
Operating
+4.75
+5.0
+5.25
V
Supply Current: +IS
Operating
60
69
mA
Power Dissipation
Operating
300
345
mW
Thermal Resistance,
θ
JA
SSOP-28
50
°C/W
NOTES: (1) Spurious-Free Dynamic Range refers to the magnitude of the largest harmonic. (2) dBFS means dB relative to full-scale. (3) 2-tone intermodulation
distortion is referred to the largest fundamental tone. This number will be 6dB higher if it is referred to the magnitude of the 2-tone fundamental envelope. (4) Effective
number of bits (ENOB) is defined by (SINAD – 1.76)/6.02. (5) Internal 50k
Ω pull-down resistor. (6) Includes internal reference. (7) Excludes internal reference.


Số phần tương tự - ADS805U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS805U BURR-BROWN-ADS805U Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805U TI1-ADS805U Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS805U/1K TI1-ADS805U/1K Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS805U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com