công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS805E1K bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện ADS805E1K
Giải thích chi tiết về linh kiện  12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS805E1K bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADS805E1K Datasheet HTML 5Page - Texas Instruments ADS805E1K Datasheet HTML 6Page - Texas Instruments ADS805E1K Datasheet HTML 7Page - Texas Instruments ADS805E1K Datasheet HTML 8Page - Texas Instruments ADS805E1K Datasheet HTML 9Page - Texas Instruments ADS805E1K Datasheet HTML 10Page - Texas Instruments ADS805E1K Datasheet HTML 11Page - Texas Instruments ADS805E1K Datasheet HTML 12Page - Texas Instruments ADS805E1K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADS805
9
SBAS073B
www.ti.com
FIGURE 2. DC-Coupled, Single-Ended Input Configuration with DC-level Shift.
INPUT
FULL-SCALE
REQUIRED
MODE
RANGE
VREF
CONNECT
TO
Internal
2Vp-p
+1V
SEL
VREF
Internal
5Vp-p
+2.5V
SEL
GND
Internal
2V
≤ FSR < 5V
1V < VREF < 2.5V
R1
VREF and SEL
FSR = 2 • VREF
VREF = 1 + (R1/R2)R2
SEL and Gnd
External
1V < FSR < 5V
0.5V < VREF < 2.5V
SEL
+VS
VREF
Ext. VREF
TABLE I. Selected Reference Configuration Examples.
V
IN
IN
IN
CM
22
22
100pF
R
T
100pF
+
4.7µF
0.1µF
ADS805
1:n
0.1µF
R
G
FIGURE 3. Transformer-Coupled Input.
REFERENCE OPERATION
Integrated into the ADS805 is a bandgap reference circuit
including logic that provides either a +1V or +2.5V reference
output, by simply selecting the corresponding pin-strap con-
figuration. Different reference voltages can be generated by
the use of two external resistors, which will set a different
gain for the internal reference buffer. For more design flexibil-
ity, the internal reference can be shut off and an external
reference voltage used. Table I provides an overview of the
possible reference options and pin configurations.
offset. The selection criteria for an appropriate op amp should
include the input bias current, output voltage swing, distortion,
and noise specification. Note that in this example the overall
signal phase is inverted. To reestablish the original signal
polarity, it is always possible to interchange the IN and IN
connections.
SINGLE-ENDED-TO-DIFFERENTIAL
CONFIGURATION (TRANSFORMER-COUPLED)
In order to select the best suited interface circuit for the
ADS805, the performance requirements must be known. If
an ac-coupled input is needed for a particular application, the
next step is to determine the method of applying the signal;
either single-ended or differentially. The differential input
configuration may provide a noticeable advantage of achiev-
ing good SFDR performance based on the fact that, in the
differential mode, the signal swing can be reduced to half of
the swing required for single-ended drive. Secondly, by
driving the ADS805 differentially, the even-order harmonics
will be reduced. Figure 3 shows the schematic for the
suggested transformer-coupled interface circuit. The resistor
across the secondary side (RT) should be set to get an input
impedance match (e.g., RT = n2 • RG).
One application example that will benefit from the differential
input configuration is the digitization of IF signals. The wide
track-and-hold input bandwidth makes the ADS805 well
suited for IF down conversion in both narrow and wideband
applications. The ADS805 maintains excellent dynamic per-
formance in multiple Nyquist regions covering a variety of IF
frequencies (see the Typical Characteristics). Using the
ADS805 for direct IF conversion eliminates the need of an
analog mixer along with subsequent functions like amplifiers
and filters, thus reducing system cost and complexity.
V
IN
2Vp-p
0
+1V
–1V
R
F
R
IN
NOTE: R
F = RIN, G = –1
+V
S
+V
S
OPA691
ADS805
R
S
50
R
3
2k
22pF
10
µF
+
+2.5V
R
2
R
1
R
4
2k
IN
IN
REFB
(+1V)
V
REF
SEL
REFT
0.1
µF
0.1
µF


Số phần tương tự - ADS805E1K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS805E TI1-ADS805E Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS805E BURR-BROWN-ADS805E Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805E/1K TI1-ADS805E/1K Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS805E/1KG4 TI1-ADS805E/1KG4 Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS805EG4 TI1-ADS805EG4 Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS805E1K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com