công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS805 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS805
Giải thích chi tiết về linh kiện  12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS805 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS805 Datasheet HTML 1Page - Texas Instruments ADS805 Datasheet HTML 2Page - Texas Instruments ADS805 Datasheet HTML 3Page - Texas Instruments ADS805 Datasheet HTML 4Page - Texas Instruments ADS805 Datasheet HTML 5Page - Texas Instruments ADS805 Datasheet HTML 6Page - Texas Instruments ADS805 Datasheet HTML 7Page - Texas Instruments ADS805 Datasheet HTML 8Page - Texas Instruments ADS805 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADS805
2
SBAS073B
www.ti.com
+VS ....................................................................................................... +6V
Analog Input ............................................................. –0.3V to (+VS) + 0.3V
Logic Input ............................................................... –0.3V to (+VS) + 0.3V
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
ADS805E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
12 Bits Tested
SPECIFIED TEMPERATURE RANGE
–40 to +85
°C
CONVERSION CHARACTERISTICS
Sample Rate
10k
20M
Samples/s
Data Latency
6
Clk Cycles
ANALOG INPUT
Standard Single-Ended Input Range
1.5
3.5
V
Optional Single-Ended Input Range
0
5
V
Standard Common-Mode Voltage
2.5
V
Standard Optional Common-Mode Voltage
1
V
Input Capacitance
20
pF
Analog Input Bandwidth
–3dBFS Input
270
MHz
DYNAMIC CHARACTERISTICS
Differential Linearity Error (Largest Code Error)
f = 500kHz
±0.25
±0.75
LSB
No Missing Codes
Tested
Spurious-Free Dynamic Range(1)
f = 9.8MHz
65
74
dBFS(2)
2-Tone Intermodulation Distortion(3)
f = 7.7MHz and 7.9MHz (–7dB each tone)
–70
dBc
Signal-to-Noise Ratio (SNR)
f = 9.8MHz
63
68
dBFS
Signal-to-(Noise + Distortion) (SINAD)
f = 9.8MHz
62
66
dBFS
Effective Number of Bits at 9.8MHz(4)
10.7
Bits
Input Referred Noise
0V to 5V Input
0.09
LSBs rms
1.5V to 3.5V Input
0.23
LSBs rms
Integral Nonlinearity Error
f = 500kHz
±1
±2LSB
Aperture Delay Time
3ns
Aperture Jitter
4
ps rms
Over-Voltage Recovery Time
1.5x FS Input
2
ns
Full-Scale Step Acquisition Time
20
ns
ELECTRICAL CHARACTERISTICS
At TA = full specified temperature range, VS = +5V, specified input range = 1.5V to 3.5V, and single-ended input and sampling rate = 20MHz, unless otherwise specified.
NOTES: (1) Spurious-Free Dynamic Range refers to the magnitude of the largest harmonic. (2) dBFS means dB relative to full-scale. (3) 2-tone intermodulation
distortion is referred to the largest fundamental tone. This number will be 6dB higher if it is referred to the magnitude of the 2-tone fundamental envelope. (4) Effective
number of bits (ENOB) is defined by (SINAD – 1.76)/6.02. (5) Internal 50k
Ω pull-down resistor. (6) Includes internal reference. (7) Excludes internal reference.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER(2)
MEDIA, QUANTITY
ADS805
SSOP-28
DB
–40
°C to +85°C
ADS805E
ADS805E
Rails, 48
"
"""
"
ADS805E/1K
Tape and Reel, 1000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PACKAGE/ORDERING INFORMATION
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.


Số phần tương tự - ADS805

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS805E TI1-ADS805E Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS805E BURR-BROWN-ADS805E Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805E/1K TI1-ADS805E/1K Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS805

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com