công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS826E1KG4 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện ADS826E1KG4
Giải thích chi tiết về linh kiện  10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS826E1KG4 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADS826E1KG4 Datasheet HTML 5Page - Texas Instruments ADS826E1KG4 Datasheet HTML 6Page - Texas Instruments ADS826E1KG4 Datasheet HTML 7Page - Texas Instruments ADS826E1KG4 Datasheet HTML 8Page - Texas Instruments ADS826E1KG4 Datasheet HTML 9Page - Texas Instruments ADS826E1KG4 Datasheet HTML 10Page - Texas Instruments ADS826E1KG4 Datasheet HTML 11Page - Texas Instruments ADS826E1KG4 Datasheet HTML 12Page - Texas Instruments ADS826E1KG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADS823, ADS826
SBAS070B
9
www.ti.com
OPA642
V
IN
R
F
402
1.62k
R
G
402
ADS823
ADS826
R
S
24.9
1.62k
100pF
0.1
µF
0.1
µF
IN
IN
CM
REFB
+1.5V
INT/EXT
GND
REFT
+3.5V
RSEL
+V
S
+5V
+5V
–5V
+V
IN
0V
–V
IN
OPA690
V
IN
R
F
402
1.62k
R
G
402
ADS823
ADS826
R
S
50
10pF
0.1
µF
IN
IN
CM
INT/EXT
GND
REFT
+3.5V
1.62k
50
V
CM +2.5V
REFB
+1.5V
0.1
µF
0.1
µF
RSEL
+V
S
+5V
+5V
FIGURE 2. AC-Coupled Input Configuration for a 2Vp-p Full-Scale Range and a Common-Mode Voltage, VCM, at +2.5V Derived
from the Internal Top (REFT) and Bottom Reference (REFB).
For applications requiring the driving amplifier to provide a
signal amplification, with a gain
≥ 5, consider using decom-
pensated voltage-feedback op amps, like the OPA686, or
current-feedback op amps like the OPA6901.
DC-Coupled with Level Shift
Several applications may require that the bandwidth of the
signal path includes DC, in which case the signal has to be
DC-coupled to the ADC. In order to accomplish this, the
interface circuit has to provide a DC level shift to the analog
input signal. The circuit of in Figure 4 employs a dual op amp,
A1, to drive the input of the ADS823 and ADS826, and level
shift the signal to be compatible with the selected input
range. With the RSEL pin tied to the supply and the INT/EXT
pin to ground, the ADS823 and ADS826 are configured for a
2Vp-p input range and uses the internal references. The
complementary input (IN) may be appropriately biased using
the +2.5V common-mode voltage available at the CM pin.
One half of amplifier A1 buffers the REFB pin and drives the
voltage divider R1, R2. Due to the op amp’s noise gain of
+2V/V, assuming RF = RIN, the common-mode voltage (VCM)
has to be re-scaled to +1.25V. This results in the correct DC
level of +2.5V for the signal input (IN). Any DC voltage
differences between the IN and IN inputs of the ADS823 and
ADS826 effectively produce an offset, which can be cor-
rected for by adjusting the resistor values of the divider, R1
and R2. The selection criteria for a suitable op amp should
include the supply voltage, input bias current, output voltage
swing, distortion, and noise specification. Note that in this
example the overall signal phase is inverted. To re-establish
the original signal polarity, it is always possible to inter-
change the IN and IN connections.
FIGURE 3. AC-Coupling the Dual-Supply Amplifier OPA642 to the ADS823 and ADS826 for a 2Vp-p Full-Scale Input Range.


Số phần tương tự - ADS826E1KG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS826E TI-ADS826E Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS826E/1K TI-ADS826E/1K Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS826E/1KG4 TI-ADS826E/1KG4 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS826EG4 TI-ADS826EG4 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS826E1KG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS824 BURR-BROWN-ADS824 Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS828 BURR-BROWN-ADS828 Datasheet
172Kb / 12P
   10-Bit, 75MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com