công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS826E bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện ADS826E
Giải thích chi tiết về linh kiện  10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS826E bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS826E Datasheet HTML 7Page - Texas Instruments ADS826E Datasheet HTML 8Page - Texas Instruments ADS826E Datasheet HTML 9Page - Texas Instruments ADS826E Datasheet HTML 10Page - Texas Instruments ADS826E Datasheet HTML 11Page - Texas Instruments ADS826E Datasheet HTML 12Page - Texas Instruments ADS826E Datasheet HTML 13Page - Texas Instruments ADS826E Datasheet HTML 14Page - Texas Instruments ADS826E Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADS823, ADS826
SBAS070B
11
www.ti.com
resistive reference ladder. The bandgap reference circuit
includes logic functions that allow to set the analog input
swing of the ADS823 and ADS826 to either a 1Vp-p or
2Vp-p full-scale range simply by tying the RSEL pin to a LOW
or HIGH potential, respectively. While operating the ADS823
and ADS826 in the external reference mode, the buffer
amplifiers for the REFT and REFB are disconnected from the
reference ladder.
As shown, the ADS823 and ADS826 have internal 50k
Ω pull-
up resistors at the range select pin (RSEL) and reference
select pin (INT/EXT). Leaving those pins open configures the
ADS823 for a 2Vp-p input range and external reference
operation. Setting the ADS823 up for internal reference
mode requires bringing the INT/EXT pin LOW.
The reference buffers can be utilized to supply up to 1mA
(sink and source) to external circuitry. The resistor ladders of
the ADS823 and ADS826 are divided into several segments
and have two additional nodes, ByT and ByB, which are
brought out for external bypassing only (See Figure 6). To
ensure proper operation with any reference configurations, it
is necessary to provide solid bypassing at all reference pins
in order to keep the clock feedthrough to a minimum. All
bypassing capacitors should be located as close to their
respective pins as possible.
The common-mode voltage available at the CM pin may be
used as a bias voltage to provide the appropriate offset for
the driving circuitry. However, care must be taken not to
appreciably load this node, which is not buffered and has a
high impedance. An alternative way of generating a com-
mon-mode voltage is given in Figure 7. Here, two external
precision resistors (tolerance 1% or better) are located
between the top and bottom reference pins. The common-
mode voltage, VCM, will appear at the midpoint.
EXTERNAL REFERENCE OPERATION
For even more design flexibility, the internal reference can be
disabled and an external reference voltage be used. The
utilization of an external reference may be considered for
applications requiring higher accuracy, improved tempera-
ture performance, or a wide adjustment range of the
converter’s full-scale range. Especially in multichannel
applications, the use of a common external reference has the
benefit of obtaining better matching of the full-scale range
between converters.
The external references can vary as long as the value of the
external top reference REFTEXT stays within the range of
(VS – 1.25V) and (REFB + 0.8V), and the external bottom
reference REFBEXT stays within 1.25V and (REFT – 0.8V), as
shown in Figure 8.
DIGITAL INPUTS AND OUTPUTS
Clock Input Requirements
Clock jitter is critical to the SNR performance of high-speed,
high-resolution ADCs. Clock jitter leads to aperture jitter (tA),
which adds noise to the signal being converted. The ADS823
and ADS826 samples the input signal on the rising edge of the
CLK input. Therefore, this edge should have the lowest pos-
sible jitter. The jitter noise contribution to total SNR is given by
FIGURE 8. Configuration Example for External Reference Operation.
REFT
+3.5V
ADS823
ADS826
V
CM
+2.5V
REFB
+1.5V
R
1
1.6k
R
2
1.6k
0.1
µF
0.1
µF
FIGURE 7. Alternative Circuit to Generate CM Voltage.
ADS823
ADS826
IN
IN
INT/EXT
REFT
ByT
GND
ByB
REFB
4 x 0.1
µF
External Top Reference
REFT = REFB +0.8V to +3.75V
+VS
BA
RSEL
GND
+5V
External Bottom Reference
REFB = REFT –0.8V to +1.25V
V
IN
A - Short for 1Vp-p Input Range
B - Short for 2Vp-p Input Range (Default)
V
CM
+2.5V
DC


Số phần tương tự - ADS826E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS826E TI-ADS826E Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS826E/1K TI-ADS826E/1K Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS826E/1KG4 TI-ADS826E/1KG4 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS826EG4 TI-ADS826EG4 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS826E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS824 BURR-BROWN-ADS824 Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS828 BURR-BROWN-ADS828 Datasheet
172Kb / 12P
   10-Bit, 75MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com