công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS823EG4 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện ADS823EG4
Giải thích chi tiết về linh kiện  10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS823EG4 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ADS823EG4 Datasheet HTML 4Page - Texas Instruments ADS823EG4 Datasheet HTML 5Page - Texas Instruments ADS823EG4 Datasheet HTML 6Page - Texas Instruments ADS823EG4 Datasheet HTML 7Page - Texas Instruments ADS823EG4 Datasheet HTML 8Page - Texas Instruments ADS823EG4 Datasheet HTML 9Page - Texas Instruments ADS823EG4 Datasheet HTML 10Page - Texas Instruments ADS823EG4 Datasheet HTML 11Page - Texas Instruments ADS823EG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADS823, ADS826
SBAS070B
8
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
The ADS823 and ADS826 are high-speed CMOS ADCs
which employ a pipelined converter architecture consisting of
9 internal stages. Each stage feeds its data into the digital
error correction logic ensuring excellent differential linearity
and no missing codes at the 10-bit level. The output data
becomes valid on the rising clock edge (see Timing Diagram
on page 4). The pipeline architecture results in a data latency
of 5 clock cycles.
The analog input of the ADS823 and the ADS826 is a differen-
tial track-and-hold, as shown in Figure 1. The differential
topology along with tightly matched capacitors produce a high
level of AC-performance while sampling at very high rates.
The ADS823 and ADS826 allows its analog inputs to be
driven either single-ended or differentially. The typical con-
figuration for the ADS823 and the ADS826 is for the single-
ended mode in which the input track-and-hold performs a
single-ended to differential conversion of the analog input
signal.
Both inputs (IN, IN) require external biasing using a common-
mode voltage that is typically at the mid-supply level (+VS/2).
The following application discussion focuses on the single-
ended configuration. Typically, its implementation is easier to
achieve and the rated specifications for the ADS823 and
ADS826 are characterized using the single-ended mode of
operation.
DRIVING THE ANALOG INPUT
The ADS823 and ADS826 achieve excellent AC performance
either in the single-ended or differential mode of operation. The
selection for the optimum interface configuration will depend
on the individual application requirements and system struc-
ture. For example, communications applications often pro-
cess a band of frequencies that does not include DC,
whereas in imaging applications, the previously restored DC
level must be maintained correctly up to the ADC. Features
on the ADS823 and ADS826 like the input range select
(RSEL pin) or the option for an external reference, provide
the needed flexibility to accommodate a wide range of
applications. In any case, the ADS823 and ADS826 should
be configured such that the application objectives are met
while observing the headroom requirements of the driving
amplifier in order to yield the best overall performance.
INPUT CONFIGURATIONS
AC-Coupled, Single-Supply Interface
See Figure 2 for the typical circuit for an AC-coupled analog
input configuration of the ADS823 and ADS826 while all
components are powered from a single +5V supply.
With the RSEL pin connected HIGH, the full-scale input
range is set to 2Vp-p. In this configuration, the top and
bottom references (REFT, REFB) provide an output voltage
of +3.5V and +1.5V, respectively. Two resistors ( 2x 1.62k
Ω)
are used to create a common-mode voltage (VCM) of approxi-
mately +2.5V to bias the inputs of the driving amplifier A1.
Using the OPA680 on a single +5V supply, its ideal common-
mode point is at +2.5V, which coincides with the recom-
mended common-mode input level for the ADS823 and
ADS826, thus obviating the need of a coupling capacitor
between the amplifier and the converter. Even though the
OPA680 has an AC gain of +2, the DC gain is only +1 due
to the blocking capacitor at resistor RG.
The addition of a small series resistor (RS) between the
output of the op amp and the input of the ADS823 and
ADS826 will be beneficial in almost all interface configura-
tions. This will decouple the op amp’s output from the
capacitive load and avoid gain peaking, which can result in
increased noise. For best spurious and distortion perfor-
mance, the resistor value should be kept below 100
Ω.
Furthermore, the series resistor in combination with the 10pF
capacitor establishes a passive low-pass filter limiting the
bandwidth for the wideband noise, thus helping improve the
SNR performance.
AC-Coupled, Dual-Supply Interface
See The circuit provided in Figure 3 for typical connections
of the analog input in case the selected amplifier operates on
dual supplies. This might be necessary to take full advantage
of very low distortion operational amplifiers, like the OPA642.
The advantage is that the driving amplifier can be operated
with a ground referenced bipolar signal swing. This will keep
the distortion performance at its lowest since the signal range
stays within the linear region of the op amp and sufficient
headroom to the supply rails can be maintained. By capaci-
tively coupling the single-ended signal to the input of the
ADS823 and ADS826, their common-mode requirements
can easily be satisfied with two resistors connected between
the top and bottom reference.
FIGURE 1. Simplified Circuit of Input Track-and-Hold with
Timing Diagram.
φ1
φ1
φ2
φ1
φ1
φ1
φ1
φ1
φ2
φ1
φ2
φ1
φ2
IN
IN
OUT
OUT
Op Amp
Bias
V
CM
Op Amp
Bias
V
CM
C
H
C
I
C
I
C
H
Input Clock (50%)
Internal Non-overlapping Clock


Số phần tương tự - ADS823EG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS823EG4 TI-ADS823EG4 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS823EG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS824 BURR-BROWN-ADS824 Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS828 BURR-BROWN-ADS828 Datasheet
172Kb / 12P
   10-Bit, 75MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com