công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS820E1K bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện ADS820E1K
Giải thích chi tiết về linh kiện  10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS820E1K bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS820E1K Datasheet HTML 1Page - Texas Instruments ADS820E1K Datasheet HTML 2Page - Texas Instruments ADS820E1K Datasheet HTML 3Page - Texas Instruments ADS820E1K Datasheet HTML 4Page - Texas Instruments ADS820E1K Datasheet HTML 5Page - Texas Instruments ADS820E1K Datasheet HTML 6Page - Texas Instruments ADS820E1K Datasheet HTML 7Page - Texas Instruments ADS820E1K Datasheet HTML 8Page - Texas Instruments ADS820E1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.ti.com
ADS820
2
SBAS037B
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS820
SO-8
DW
–40
°C to +85°C
ADS820U
ADS820U
Rails, 28
""
"
"
"
ADS820U/1K
Tape and Reel, 1000
ADS820U
PARAMETER
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = +5V, Sampling Rate = 20MHz, with a 50% duty cycle clock having a 2ns rise/fall time, unless otherwise noted.
Resolution
10
Bits
Specified Temperature Range
TAMBIENT
–40
+85
°C
ANALOG INPUT
Differential Full-Scale Input Range
+1.25
+3.25
V
Common-Mode Voltage
2.25
V
Analog Input Bandwidth (–3dB)
Small Signal
–20dBFS(1) Input
+25
°C
400
MHz
Full Power
0dB Input
+25
°C
65
MHz
Input Impedance
1.25 || 4
M
Ω || pF
DIGITAL INPUT
Logic Family
TTL/HCT Compatible CMOS
Convert Command
Start Conversion
Falling Edge
ACCURACY(2)
fS = 2.5MHz
Gain Error
+25
°C
±0.6
±1.5
%
Full
±1.0
±2.5
%
Gain Tempco
±85
ppm/
°C
Power-Supply Rejection of Gain
∆ +V
S = ±5%
+25
°C
0.01
0.1
%FSR/%
Input Offset Error
Full
±2.1
±3.0
%
Power-Supply Rejection of Offset
∆ +V
S = ±5%
+25
°C
0.02
0.1
%FSR/%
CONVERSION CHARACTERISTICS
Sample Rate
10k
20M
Sample/s
Data Latency
6.5
Convert Cycle
DYNAMIC CHARACTERISTICS
Differential Linearity Error
f = 500kHz
+25
°C
±0.15
±1.0
LSB
Full
±0.15
±1.0
LSB
f = 10MHz
+25
°C
±0.2
±1.0
LSB
Full
±0.2
±1.0
LSB
No Missing Codes
Full
Tested
Integral Linearity Error at f = 500kHz
Full
±0.5
±2.0
LSB
Spurious-Free Dynamic Range (SFDR)
f = 500kHz (–1dBFS input)
+25
°C
67
77
dBFS
Full
64
74
dBFS
f = 10MHz (–1dBFS input)
+25
°C
59
63
dBFS
Full
57
62
dBFS
ABSOLUTE MAXIMUM RATINGS(1)
+VS ....................................................................................................... +6V
Analog Input ............................................................ 0V to (+VS + 300mV)
Logic Input ............................................................... 0V to (+VS + 300mV)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature .................................................................... +125
°C
External Top Reference Voltage (REFT) ................................. +3.4V Max
External Bottom Reference Voltage (REFB) ............................ +1.1V Min
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION(1)
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at
www.ti.com.
NOTE: (1) dBFS refers to dB below Full Scale. (2) Percentage accuracies are referred to the internal A/D Converter Full-Scale Range of 4Vp-p. (3) IMD is
referred to the larger of the two input signals. If referred to the peak envelope signal (
≈ 0dB), the intermodulation products will be 7dB lower. (4) Based on
(SINAD – 1.76)/6.02. (5) No “rollover” of bits.


Số phần tương tự - ADS820E1K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS820E BURR-BROWN-ADS820E Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS820E TI1-ADS820E Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820E/1K TI1-ADS820E/1K Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS820E1K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS900 BURR-BROWN-ADS900 Datasheet
219Kb / 12P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS901 TI1-ADS901_14 Datasheet
254Kb / 14P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823 TI1-ADS823_14 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com