công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1212UG4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1212UG4
Giải thích chi tiết về linh kiện  22-Bit ANALOG-TO-DIGITAL CONVERTER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1212UG4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADS1212UG4 Datasheet HTML 1Page - Texas Instruments ADS1212UG4 Datasheet HTML 2Page - Texas Instruments ADS1212UG4 Datasheet HTML 3Page - Texas Instruments ADS1212UG4 Datasheet HTML 4Page - Texas Instruments ADS1212UG4 Datasheet HTML 5Page - Texas Instruments ADS1212UG4 Datasheet HTML 6Page - Texas Instruments ADS1212UG4 Datasheet HTML 7Page - Texas Instruments ADS1212UG4 Datasheet HTML 8Page - Texas Instruments ADS1212UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
22-Bit ANALOG-TO-DIGITAL CONVERTER
FEATURES
q DELTA-SIGMA A/D CONVERTER
q 22 BITS NO MISSING CODES
q 20 BITS EFFECTIVE RESOLUTION AT 10Hz
AND 16 BITS AT 1000Hz
q LOW POWER: 1.4mW
q DIFFERENTIAL INPUTS
q PROGRAMMABLE GAIN AMPLIFIER
q SPICOMPATIBLE SSI INTERFACE
q PROGRAMMABLE CUTOFF FREQUENCY
UP TO 6.25kHz
q INTERNAL/EXTERNAL REFERENCE
q ON-CHIP SELF-CALIBRATION
q ADS1213 INCLUDES 4-CHANNEL MUX
DESCRIPTION
The ADS1212 and ADS1213 are precision, wide dynamic
range, delta-sigma Analog-to-Digital (A/D) converters with
24-bit resolution operating from a single +5V supply. The
differential inputs are ideal for direct connection to transduc-
ers or low-level voltage signals. The delta-sigma architec-
ture is used for wide dynamic range and to ensure 22 bits of
no-missing-code performance. An effective resolution of 20
bits is achieved through the use of a very low-noise input
amplifier at conversion rates up to 10Hz. Effective resolu-
tions of 16 bits can be maintained up to a sample rate of
1kHz through the use of the unique Turbo Modulator mode
of operation. The dynamic range of the converters is further
increased by providing a low-noise programmable gain
amplifier with a gain range of 1 to 16 in binary steps.
The ADS1212 and ADS1213 are designed for high-resolution
measurement applications in smart transmitters, industrial
process control, weigh scales, chromatography and portable
instrumentation. Both converters include a flexible synchro-
nous serial interface that is SPI compatible and also offers a
two-wire control mode for low-cost isolation.
The ADS1212 is a single channel converter and is offered in
both DIP-18 and SO-18 packages. The ADS1213 includes a
4-channel input multiplexer and is available in DIP-24,
SO-24, and SSOP-28 packages.
APPLICATIONS
q INDUSTRIAL PROCESS CONTROL
q INSTRUMENTATION
q BLOOD ANALYSIS
q SMART TRANSMITTERS
q PORTABLE INSTRUMENTS
q WEIGH SCALES
q PRESSURE TRANSDUCERS
ADS12
12
ADS1
213
ADS1212
ADS1
213
ADS1213
ADS1212
ADS1213
PGA
+2.5V
Reference
+3.3V Bias
Generator
Clock Generator
Serial Interface
Second-Order
∆∑
Modulator
Instruction Register
Command Register
Data Output Register
Offset Register
Full-Scale Register
Third-Order
Digital Filter
Micro Controller
Modulator Control
AGND AV
DD
REF
OUT
REF
IN
V
BIAS
X
IN
X
OUT
MODE
DSYNC
CS
DRDY
A
INP
A
INN
SCLK
DGND
DV
DD
SDIO
SDOUT
MUX
ADS1213 Only
ADS1212, 1213
A
IN1P
A
IN1N
A
IN2P
A
IN2N
A
IN3P
A
IN3N
A
IN4P
A
IN4N
PATENTS PENDING
www.ti.com
Copyright © 1996-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SBAS064B – JANUARY 1996 – REVISED FEBRUARY 2004
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Số phần tương tự - ADS1212UG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1212UG4 BURR-BROWN-ADS1212UG4 Datasheet
1Mb / 49P
   22-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS1212UG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS1212 BURR-BROWN-ADS1212 Datasheet
1Mb / 49P
   22-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Texas Instruments
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com